Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8413 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L8413
Description  HIGH POWER CW LASER DIODE with PELTIER-COOLING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8413 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L8413 Datasheet HTML 1Page - Hamamatsu Corporation L8413 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact Peltier-cooling type
Cat. No. LLD1007E02
APR. 2002
Printed in Japan (200)
Parameter
Radiant Output Power / bar
Reverse Voltage
Operating Temperature
Storage Temperature
Symbol
Φe
Vr
Top(c)
Tstg
Unit
W
V
°C
°C
ABSOLUTE MAXIMUM RATINGS (Each bar)
Value
22
2
+5 to +35
-20 to +40
Parameter
Radiant Output Power / bar
Peak Emission Wavelength
Spectral Radiation Half Bandwidth
Forward Voltage
Beam Spread Angle : Parallel
: Vertical
Lasing Threshold Current
Array Length
Symbol
Φe
λp
∆λ
Vf
θ//
θ⊥
Ith
-
Unit
W
nm
nm
V
° (degree)
° (degree)
A
mm
Conditions
If = 25 A
Φe = 15 W
Φe = 15 W
Φe = 15 W
FWHM
Value
20
808
4.0
1.8
10
35
10
10
CHARACTERISTICS (Each bar, Top(c) = 20 °C)
*Contact sales stuff for emitting wave-length and radiant output power (Φe) other than above.
Figure 3: Dimensional Outline (Unit : mm)
Figure 1: Radiant Output Power vs. Forward Current (Typ.)
Figure 2: Typical Emission Spectrum
30
20
10
0
Top(c) = 20 °C
0
10
20
30
FORWARD CURRENT If (A)
808
811
814
817
805
802
799
WAVELENGTH (nm)
100
80
60
40
20
0
PRELIMINARY DATA
FEATURES
High optical power : 20 W/bar
High stability
Long life
High cost performance
Compact
APPLICATIONS
Pumping source for solid state lasers
Materials processing
Welding
Soldering
Medical systems
HIGH POWER CW LASER
DIODE with PELTIER-COOLING
L8413
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
http://www.hamamatsu.com
HIGH POWER CW LASER DIODE with PELTIER-COOLING L8413
High power laser diodes with a Peltier cooler feature several advantages such as high stability with long life and high
cost performance with compact structure. Sinve they are designed to be small, they are easily applied as light source to
pump solid state lasers, for material processing like welding or soldering, and for medical systems. The lasing areas
consist of small laser emitters arranged in line and are thus called “Bar” structure. By stacking Bars as a module, a high
power CW operation can be achieved. Water-cooling and Funryu-cooling (patent pending : Japan 8-139479, WO
00/11717) are also available. And focusing lens is available as an option.
Top(c) = 20 °C
25.0±0.2
ANODE(+)
CATHODE(-)
18.0±0.2
11.0±0.2
3.5±0.2
HAMAMATSU PHOTONICS K.K., Laser Group, Sales Dept.
5000, Hirakuchi, Hamakita City, Shizuoka, 434-8601, Japan, Telephone: (81)53-584-0227, Fax: (81)53-584-0228, E-mail: laser-g@lsr.hpk.co.jp
U.S.A.: Hamamatsu Corporation:360 Foothill Road, P.O. BOX 6910, Bridgewater, N.J. 08807-0910, U.S.A.Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33(1) 69 53 71 00, Fax: 33(1) 69 53 71 10, E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44)1707-294888, Fax: (44)1707-325777, E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com