Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1396-R1-BK Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1396-R1-BK
Description  2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 3 Circuits, Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1396-R1-BK Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1396-R1-BK Datasheet HTML 1Page - Molex Electronics Ltd. 1396-R1-BK Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-6032
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Receptacle Housing, Single Row,
without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 3 Circuits, Black
Documents:
3D Model
Product Specification PS-43660-9999 (PDF)
Drawing (PDF)
Packaging Specification PK-1396-002 (PDF)
Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1396
Application
Power, Wire-to-Wire
Comments
Current = 17A max. per circuit when this receptacle
is loaded with either 42477 or 42478 series terminals
crimped to 14 AWG wire and mated to a plug loaded
with either 42477 or 42478 series terminals crimped to
14 AWG wire.
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800754942478
Physical
Circuits (maximum)
3
Color - Resin
Black
Flammability
94V-2
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.03mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
14A, 17A
Material Info
Old Part Number
1396-R1-BK
Reference - Drawing Numbers
Packaging Specification
PK-1396-002
Product Specification
PS-02-09, PS-43660-9999
Sales Drawing
SD-1396-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1396Series
Mates With
03-09-2031 , 03-09-2032 , 03-09-7032 ,
3099
Use With
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271 , 6310 , 42477 , 42478 , 1189
, 1190 , 1376 , 1377 , 1380 , 1381 , 1433 ,
1434


Similar Part No. - 1396-R1-BK

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1396-R1-B MOLEX1-1396-R1-B Datasheet
185Kb / 4P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits, Single Row
More results

Similar Description - 1396-R1-BK

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003067044 MOLEX1-0003067044 Datasheet
135Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, Dual Row,without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
0003062044 MOLEX1-0003062044 Datasheet
136Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003096032 MOLEX1-0003096032 Datasheet
159Kb / 4P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 3 Circuits, Black
0003061044 MOLEX1-0003061044 Datasheet
125Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003066043 MOLEX1-0003066043 Datasheet
133Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row,with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
03-06-1043 MOLEX11-03-06-1043 Datasheet
44Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-1044 MOLEX11-03-06-1044 Datasheet
45Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-2044 MOLEX11-03-06-2044 Datasheet
44Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-6043 MOLEX11-03-06-6043 Datasheet
44Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
03-06-7044 MOLEX11-03-06-7044 Datasheet
44Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com