Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201-R Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2201-R
Description  3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, 12 Circuits, 3 Row, with Panel Mount Ears
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

2201-R Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2201-R Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-12-1121
Status:
Active
Description:
3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, 12 Circuits, 3 Row,
with Panel Mount Ears
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
2201
Application
Power, Wire-to-Wire
Product Name
HCS-125
UPC
800754942553
Physical
Circuits (maximum)
12
Color - Resin
Natural
Flammability
94V-2
Gender
Dual
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
7.786/g
Number of Rows
3
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
6.60mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Old Part Number
2201-R
Reference - Drawing Numbers
Sales Drawing
SD-2201-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
2201Series
Mates With
2201p
Use With
8947 , 1900 male crimp terminals, 1901 ,
2046 , 2047 , 42546 , 42547 , 42554 , 42555
, 8946
This document was generated on 08/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 2201-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2201-R MOLEX1-2201-R Datasheet
149Kb / 3P
3.18mm (.125") Diameter, HCS-125 Pin and Socket Receptacle Housing, 12 Circuits, 3 Row, With Panel Mount Ears
logo
Bourns Electronic Solut...
2201-RC BOURNS-2201-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2201-RC BOURNS-2201-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2201-RC BOURNS-2201-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2201-RC BOURNS-2201-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
More results

Similar Description - 2201-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003121121 MOLEX1-0003121121 Datasheet
149Kb / 3P
3.18mm (.125") Diameter, HCS-125 Pin and Socket Receptacle Housing, 12 Circuits, 3 Row, With Panel Mount Ears
03-12-1022 MOLEX11-03-12-1022 Datasheet
41Kb / 1P
3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, 2 Circuits, Single Row, with and without Panel Mount Ears
03-12-1023 MOLEX11-03-12-1023 Datasheet
41Kb / 1P
3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, 2 Circuits, Single Row, with and without Panel Mount Ears
03-12-1026 MOLEX11-03-12-1026 Datasheet
42Kb / 1P
3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, 2 Circuits, Single 3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, 2 Circuits, Single
03-12-2021 MOLEX11-03-12-2021 Datasheet
41Kb / 1P
3.18mm Diameter, HCS125, Pin and Socket Plug Housing, Single Row, without Panel and without Panel Mount Ears
03-12-2022 MOLEX11-03-12-2022 Datasheet
41Kb / 1P
3.18mm Diameter, HCS125, Pin and Socket Plug Housing, 2 Circuits, Single Row, with and without Panel Mount Ears
03-12-2025 MOLEX11-03-12-2025 Datasheet
41Kb / 1P
3.18mm Diameter, HCS125, Pin and Socket Plug Housing, Single Row, with Panel Mount Ears, 2 Circuits, Natural (Translucent)
03-12-2036 MOLEX11-03-12-2036 Datasheet
41Kb / 1P
3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, 3 Circuits, Natural, Nylon 94V-2
03-12-2121 MOLEX11-03-12-2121 Datasheet
58Kb / 1P
3.18mm Diameter, HCS125 Pin and Socket Plug Housing, 12 Circuits, 3 Row, with Panel Mount Ears
50-29-1608 MOLEX11-50-29-1608 Datasheet
42Kb / 1P
3.18mm Diameter, HCS125, Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, 3 Circuits, Natural, Nylon94V-0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com