Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-XM Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # F-XM
Description  1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F-XM Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  F-XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd F-XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F
F-X
-XM
M S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
0.1
1
W
Line regulation
For Vin change
of ±1%
(3.3V output)
±
1.5
%
(others output)
±
1.2
%
Load
regulation
10% to 100%
Load
(3.3V output)
15
20
%
(5V output)
10
15
%
(9V output)
8.3
15
%
(12V output)
6.8
15
%
(15V output)
6.3
15
%
(24V output)
6.0
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/℃
Ripple& Noise*
20MHz Bandwidth
100
150
mVp-p
Switching frequency
Full load, nominal input
100
KHz
*Test ripple and noise by "Parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Note:
1. All specifications measured at T A =25℃ , humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
2. See below recommended circuits for more details.
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
APPLICATION
APPLICATION NOTE
NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably,
During operation, the minimum output load is not less than
10% of the full load, and that his product should never be
operated under no load! If the actual output power is very
small, please connect a resistor with proper resistance at the
output end in parallel to increase the load,or use our
company's products with a lower rated output power.
Recommended circuit
If you want to further decrease the input/output ripple,
an "LC" filtering network may be connected to the input and
output ends of the DC/DC converter, see (Figure 1).
It should also be noted that the inductance and the
frequency of the "LC" filtering network should be staggered
with the DC/DC frequency to avoid mutual interference.
However, the capacitance of the output filter capacitor must
be proper. If the capacitance is too big, a startup problem
might arise. For every channel of output, provided the safe
and reliable operation is ensured, the recommended
capacitance of its filter capacitor sees (Table 1).
It not recommended to connect any external capacitor in
the application field with less than 0.5 watt output.
Output Voltage Regulation and Over-voltage Protection
Circuit
The simplest device for output voltage regulation,
over-voltage and over-current protection is a linear voltage
regulator with overheat protection that is connected to the
input or output end in series (Figure 2).
Overload Protection
Under normal operating conditions, the output circuit of
these products has no protection against overload.The
simplest method is to connect a self-recovery fuse in series
at the input end or add a circuit breaker to the circuit.
No parallel connection or plug and play.
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS &
& PIN
PIN CONNECTIONS
CONNECTIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com