Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N411094 Datasheet(PDF) 1 Page - E-SWITCH

Part # N411094
Description  Contact Ratings:25mA, 24VDC.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

N411094 Datasheet(HTML) 1 Page - E-SWITCH

  N411094 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KAP1109ET
3:1
5/3/2007
N411094
B
TN
1
1
P.C.B. LAYOUT
1
2
3
4
5
6
7
CIRCUIT LAYOUT
13
15
17
911
8
10
16
14
12
18
NOTES:
1. ALL DIMESNIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.20
3. TERMINAL NUMBERS FOR REFERENCE ONLY
4. OPERATING FORCE: 1000gf MAX.
5. TRAVEL: 2.0mm TYP.
6. CONTACT RATING: 25mA, 24VDC
7. CONTACT RESISTANCE: 50mW MAX.
8. INSULATION RESISTANCE: 100MW MIN @ 500VDC
9. DIELECTRIC STRENGTH: 500V RMS 1 MIN.
10. LIFE: 2,000 CYCLES
11. OPERATING TEMPERATURE: -40
~C TO 85~C
12. PACKAGING: 19 PCS PER TUBE
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
A
17194
RELEASED FOR PRODUCTION
4/17/07
TN
7.62 `.10
.300 `.004 in
[]
2.54
[.100 in] TYP.
20.32 `.10
.800 `.004 in
[]
.97
n
`.05
.038 `.002 in
[]
1.30
[.051 in] TYP.
2.05
[.081 in]
2.54
[.100 in] TYP.
.60
[.024 in] TYP.
20.32
[.800 in]
1.84
[.072 in]
7.62 `.50
.300 `.020 in
[]
.15 `.50
.006 `.020 in
[] TYP.
10.80
[.425 in]
24.42 -.10
.20
+
.961 -.004
.008
+
in
[]
10.30
[.406 in]MAX
3.20
[.126 in]MIN
12.61
[.496 in]
TOP TAPE
SEAL
B
17249
TOP TAPE SEAL NOTE
5/3/07
TN


Similar Part No. - N411094

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N411092 E-SWITCH-N411092 Datasheet
36Kb / 1P
Contact Ratings:25mA, 24VDC.
N411093 E-SWITCH-N411093 Datasheet
62Kb / 1P
Contact Ratings:25mA, 24VDC.
N411095 E-SWITCH-N411095 Datasheet
57Kb / 1P
All Dimension In MM
More results

Similar Description - N411094

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N411052 E-SWITCH-N411052 Datasheet
34Kb / 1P
Contact Ratings:25mA, 24VDC.
N411062 E-SWITCH-N411062 Datasheet
34Kb / 1P
Contact Ratings:25mA, 24VDC.
N411070 E-SWITCH-N411070 Datasheet
57Kb / 1P
Contact Ratings:25mA, 24VDC.
N411083 E-SWITCH-N411083 Datasheet
56Kb / 1P
Contact Ratings:25mA, 24VDC.
N411092 E-SWITCH-N411092 Datasheet
36Kb / 1P
Contact Ratings:25mA, 24VDC.
N411111 E-SWITCH-N411111 Datasheet
66Kb / 1P
Contact Ratings:25mA, 24VDC.
N411120 E-SWITCH-N411120 Datasheet
66Kb / 1P
Contact Ratings:25mA, 24VDC.
N411122 E-SWITCH-N411122 Datasheet
38Kb / 1P
Contact Ratings:25mA, 24VDC.
N411244 E-SWITCH-N411244 Datasheet
33Kb / 1P
Contact Ratings:25mA, 24VDC.
N800303 E-SWITCH-N800303 Datasheet
115Kb / 1P
Contact Ratings:25mA, 24VDC.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com