Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P621 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # P621
Description  CdS photoconductive cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P621 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  P621 Datasheet HTML 1Page - Hamamatsu Corporation P621 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CdS photoconductive cells utilize photoconductive effects in semiconductors that decrease their resistance when illuminated by light. These
sensors are non-polar resistive elements with spectral response characteristics close to the human eye (luminous efficiency), thus making their
operating circuits simple and small.
Features
l Variety of package size
l Highly resistant to moisture and dust
Applications
l Sensor for office machine
l Safety device for heating system and boiler
(flame monitor for oil burner)
l Night/day check sensor and sunlight sensor for air conditioner
l Alarm and safety sensor
VISIBLE
DETECTOR
CdS photoconductive cell
Hermetically sealed for high reliability
Metal package type
I Absolute maximum ratings / Characteristics (Typ. Ta=25 °C, unless otherwise noted)
Absolute maximum ratings
Characteristics *
Resistance *
Response time 10 lx *#
Supply
voltage
Power
dissipation
P
Ambient
temperature
Ta
Peak
sensitivity
wavelength
lp
10 lx, 2856 K
0 lx *!
g
 *
"
Rise time
tr
Fall time
tf
Type No.
Dimensional
outline
(Vdc)
(mW)
(°C)
(nm)
Min.
(kW)
Max.
(kW)
Min.
(MW)
100 to 10 lx
(ms)
(ms)
5M type (TO-18)
P1114-01
630
13
39
1
60
25
P1114-04
➀
100
30
-30 to +50
570
15
45
10
0.80
40
20
6M type (f5.5)
P930
➁
150
50
-30 to +70
560
7
23
0.5
0.68
60
90
8M type (TO-5)
P201B
-30 to +50
560
21
63
200.8525
20
P201D
100
-30 to +60
520
20
60
100.9030
10
P368
14
43
P380
200
50
-30 to +50
620
4.4
13
20
0.85
35
20
P467
-30 to +60
520
8
24
5
0.90
50
20
P534
➂
100
100
-30 to +80
560
1.3
3.7
0.05
0.55
70
100
12M type (TO-8)
P621
150
570
1.3
3.7
0.3
0.75
80
40
P3872
➃
400
300
-30 to +60
540
5
15
1.0
0.80
40
30
*1: All characteristics are measured after exposure to light (100 to 500 lx) for one to two hours.
*2: The light source is a standard tungsten lamp operated at a color temperature of 2856 K.
*3: Measured 10 seconds after removal of light of 10lx.
*4: Typical gamma characteristics (within±0.10 variations) between 100lx to 10lx
E, E: illuminance 100lx, 10lx
R, R: resistance at 100lx and 10lx respectively
*5: The rise time is the time required for the sensor resistance to reach 63 % of the saturated conductance level (resistance
when fully illuminated). The fall time is the time required for the sensor resistance to decay from the saturated conductance
level to 37 %.
log (R100) - log (R10)
log (E100) - log (E10)
γ
=
100
10
1


Similar Part No. - P621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P6211-AP120 ETC1-P6211-AP120 Datasheet
31Kb / 2P
Incremental Encoders
P6211-AP192 ETC1-P6211-AP192 Datasheet
31Kb / 2P
Incremental Encoders
P6211-AQ120 ETC1-P6211-AQ120 Datasheet
31Kb / 2P
Incremental Encoders
P6211-AQ192 ETC1-P6211-AQ192 Datasheet
31Kb / 2P
Incremental Encoders
P6211-AU120 ETC1-P6211-AU120 Datasheet
31Kb / 2P
Incremental Encoders
More results

Similar Description - P621

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P687-02 HAMAMATSU-P687-02 Datasheet
116Kb / 2P
CdS photoconductive cell
logo
List of Unclassifed Man...
VT935G ETC-VT935G Datasheet
190Kb / 1P
PHOTOCONDUCTIVE CdS CELL
logo
Advanced Photonix, Inc.
PDV-P5003 ADVANCEDPHOTONIX-PDV-P5003 Datasheet
46Kb / 1P
CdS Photoconductive Photocells
PDV-P7002 ADVANCEDPHOTONIX-PDV-P7002 Datasheet
117Kb / 1P
CdS Photoconductive Photocells
PDV-P8005 ADVANCEDPHOTONIX-PDV-P8005 Datasheet
93Kb / 1P
CdS Photoconductive Photocells
PDV-P8105 ADVANCEDPHOTONIX-PDV-P8105 Datasheet
93Kb / 1P
CdS Photoconductive Photocells
PDV-P9005 ADVANCEDPHOTONIX-PDV-P9005 Datasheet
89Kb / 1P
CdS Photoconductive Photocells
PDV-P9007 ADVANCEDPHOTONIX-PDV-P9007 Datasheet
87Kb / 1P
CdS Photoconductive Photocells
PDV-P9103 ADVANCEDPHOTONIX-PDV-P9103 Datasheet
87Kb / 1P
CdS Photoconductive Photocells
PDV-P9203 ADVANCEDPHOTONIX-PDV-P9203 Datasheet
87Kb / 1P
CdS Photoconductive Photocells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com