Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRIKER Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STRIKER
Description  7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STRIKER Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STRIKER Datasheet HTML 1Page - List of Unclassifed Manufacturers STRIKER Datasheet HTML 2Page - List of Unclassifed Manufacturers STRIKER Datasheet HTML 3Page - List of Unclassifed Manufacturers STRIKER Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Intended Application
Home/Office
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1800
Circuit Breaker (amps)
15
Outlet quantity / type
7 NEMA 5-15R
Transformer accommodation
Supports 1 large transformer plug accessory without covering remaining outlets; accepts up to 4 transformers total
Outlet orientation
Single row
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input cord length (ft.)
6
Input cord length (m)
1.83
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
72000
UPC ASSIGNMENT
Unit Carton UPC#
037332010520
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2-position red illuminated on/off power switch
Diagnostic LEDs
Built-in LED confirms suppressor "protection present" (green) status
SURGE / NOISE SUPPRESSION
AC suppression joule rating
1080
AC suppression response time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
150
UL1449 let through rating
400V
EMI / RFI filtering
Up to 20 dB
DATALINE SURGE SUPPRESSION
Cable (Coax) Protection
No
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com