Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP608 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP608
Description  6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP608 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP608 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP608 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP608 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP608 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-outlets, 8-ft cord, 990 joule strip, Flat Plug -
Protect It! Surge Suppressor
MODEL NUMBER: TLP608
Description
Tripp Lite's TLP608 Surge Suppressor offers economical AC surge suppression for full protection of workstations, desktop PCs, telecom systems and other
sensitive electronics. Built-in AC surge suppression shields connected equipment from damage and performance problems due to transient surges. TLP608
offers 6 total outlets, 8 foot cord and diagnostic LED to warn of suppressor damage. AC suppression rated at 990 joules shields equipment from surges and
line noise. Attractive gray suppressor housing with keyhole mounting tabs and 1 designated transformer plug outlet offers convenient protection of desktop
computer equipment and accessories. $20,000 Ultimate Lifetime Insurance (USA & Canada only).
Features
990 joules AC surge suppression shields equipment from the strongest surges and line noise
6 AC outlets with room for 1 transformer plugs without blocking outlets covers computers and peripherals
8 foot AC line cable
Built-in power switch and 15 amp circuit breaker offers power control and overload protection over all outlets
Right angle flat plug
Fail-safe thermal fusing protects against fire and other damage in the event of an extreme, extended overvoltage or surge condition
Diagnostic LEDs confirm surge suppression status
Attractive gray suppressor housing with keyhole mounting tabs allow versatile placement options
UL1449 3rd Edition Rated (500V all modes), UL1363 (Power Tap), UL497A (Communications), Meets FCC part 68 rules, cUL (Canada)
Exceeds IEEE 587 category A & B surge suppression specifications
$20,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
OVERVIEW
Intended Application
Home/Office
Highlights
6 outlets / 8-ft. cord
990 joule rating
$20,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for any desktop, network or
home computing application.
Package Includes
TLP608
Instruction manual with warranty
information
1 / 3


Similar Part No. - TLP608

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP608DMUAM TRIPPLITE-TLP608DMUAM Datasheet
56Kb / 4P
Safe-IT 6-Outlet Surge Protector, 2 USB Charging Ports, 8 ft. Cord, 5-15P Plug, 2100 Joules, Antimicrobial Protection, Black
More results

Similar Description - TLP608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP404 ETC2-TLP404 Datasheet
500Kb / 4P
4 outlets, 4-ft cord, 450 joules Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com