Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1010SAT3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HT1010SAT3
Description  10 outlet, 10ft cord, 3345 joule rating, 3-line coaxial and 1-line tel/modem/ethernet protection - Home/Business Theater Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT1010SAT3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HT1010SAT3 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UL1449 let through rating
330V - UL verified
EMI / RFI filtering
Up to 40 dB
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
Yes
Telephone/DSL Protection Details
1 line
Cable (Coax) Protection
Yes
Cable (Coax) Protection Details
3 line
Network (Ethernet) Protection
Yes
PHYSICAL
Shipping Dimensions (HWD/in)
2.25 x 15 x 9.25
Shipping Dimensions (HWD/cm)
5.7 x 38.1 x 23.5
Shipping weight (lbs)
3.53
Shipping weight (kg)
1.6
Unit Dimensions (HWD/in)
1.75 x 11.75 x 4.75
Unit Dimensions (HWD/cm)
4.5 x 29.8 x 12.1
Unit weight (lbs)
2.42
Unit weight (kg)
1.1
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting slots allow desk or wall mounting
AC line cord color
Black
Style
Strip
SPECIAL FEATURES
Right-Angle Plug
Yes
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449
UL1363 (Power Tap)
UL1363
UL497A (Communications)
UL497A
FCC Part 68 (Communications)
FCC Part 68
cUL / CSA (Canada)
cUL
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com