Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN9260 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN9260
Description  General-purpose power entry module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN9260 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN9260 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN9260 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
79
± 0.3
± 0.3
± 0.2
± 0.3
+0
-0
.2
± 0.3
+0
-0.2
± 0.1
± 0.3
-
± 0.1
± 0.1
-
-
-
Tol.
mm
FN 9260 insertion loss
Per CISPR 17; A = 50
Ω/50Ω sym, B = 50Ω/50Ω asym, C = 0.1Ω/100Ω sym, D = 100Ω/0.1Ω sym
1 amp FN 261 types
6/10 amp FN 261 types
2 amp FN 261 types
4 amp FN 261 types
1 amp FN 9260 types
2 amp FN 9260 types
4 amp FN 9260 types
6/10 amp FN 9260 types
46
35
36
41
5.5
Ø3.3
12.5
R
≤≤3.5
33.2
29.2
M3
90˚
34
27.9
32.2
29.5
33.0
panel thickness
0.6-3.5mm
A
B
C
D
E
F
G
H
J
M
N
P
R
S
T
FRONT
TOP
H
B
C
A
F
J
S
D
C
M
N
R
P
PANEL CUT-OUT
Mechanical data
All dimensions in mm; 1 inch = 25.4mm
FN 261
FN 261S
FN 9260
FN 9260S
FN 261/FN 9260
FN 261S/FN 9260S
REAR
TOP
FRONT
PANEL CUT-OUT
B
A
E
G
F
D
J
P
N
M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com