Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSBAS40 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSBAS40
Description  S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSBAS40 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSBAS40 Datasheet HTML 1Page - E-Tech Electronics LTD GSBAS40 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GSBAS40
Page: 1/2
ISSUED DATE :2005/12/20
REVISED DATE :
G
G S
S B
B A
AS
S 4400 tth
h rru
u G
G S
S B
B A
A S
S 4400--0066
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E
V O L T A G E 4 0 V, C U R R E N T 0 . 2 A
Description
These schottky barrier diodes are designed for high speed switching applications, circuit protection and voltage
clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is
excellent for hand held and portable applications where space is limited.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BCS.
Absolute Maximum Ratings at TA = 25 ::::
Parameter
Symbol
Ratings
Unit
Operating Junction Temperature
Tj
-55 ~ +125
:
Storage Temperature
Tstg
-55 ~ +150
:
Maximum Repetitive Peak Reverse Voltage
VRRM
40
V
Thermal Resistance Junction to Ambient Air
R JA
445
: /W
Peak Forward Surge Current at tp < 1.0s
IFSM
0.6
A
Maximum Average Forward Rectified Current
Io
0.2
A
Total Power Dissipation
PD
225
mW
Electrical Characteristics (at TA = 25 : unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
IR=10 A
-
-
380
IF1=1mA
Forward Voltage(tp < 300uS)
VF
-
-
1000
mV
IF2=40mA
Reverse Leakage Current
IR
-
200
nA
VR=30V
Total Capacitance
CT
-
-
5.0
pF
VR=0V, f=1MHz
Reverse Recover Time
Trr
-
-
5.0
ns
IF=IR=10mA, RL=100 , Irr=1mA


Similar Part No. - GSBAS40

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSBAS40 GTM-GSBAS40 Datasheet
211Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - GSBAS40

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GD103SD ETL-GD103SD Datasheet
197Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GDBAS70 ETL-GDBAS70 Datasheet
133Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GDBAT54 ETL-GDBAT54 Datasheet
281Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
GSBAT54-A-C-S ETL-GSBAT54-A-C-S Datasheet
343Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 3 0 V, C U R R E N T 2 0 0mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com