Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUB15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDUB15
Description  Single-Phase Hot-Swap PDU, 1.4kW 15A 120V, 2U Horizontal Rackmount, 8 NEMA 5-15R outlets, set of 2 NEMA 5-15P input plugs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUB15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDUB15 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUB15 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUB15 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUB15 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUB15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single-Phase Hot-Swap PDU, 1.4kW 15A 120V, 2U
Horizontal Rackmount, 8 NEMA 5-15R outlets, set of
2 NEMA 5-15P input plugs
MODEL NUMBER: PDUB15
Description
Tripp Lite’s Hot-swap PDU systems enable live-replacement of standard UPS systems for maintenance with no
interruption of connected server or networking loads. Dual input power cables support PDU connection to
separate Utility and UPS power sources. Manual transfer switch with lighted status indicators controls the source
of power to connected equipment between Utility and UPS. Set the switch to UPS during normal operation and
connected equipment will receive full-time conditioned power from the UPS. Set the switch to Utility to
momentarily power connected equipment from the Utility line cord and bypass the UPS while the UPS system is
removed and replaced with a fresh one. Once the new UPS is up and running with all data and electrical
connections restored, set the switch back to the UPS setting to once again provide fully-conditioned UPS power
to connected equipment.
Features
Tripp Lite Hot-swap PDU systems support live-replacement of standard UPS systems for maintenance with no interruption of connected server or
networking loads
PDUB15 is universally compatible with any Tripp Lite or other brand of 100-127V UPS rated up to 1500VA or 1440 watts with a NEMA 5-15P input cable
2U horizontal rackmount form factor compatible with 2 or 4 post racks
Supports space saving rear-post mounting in the same rack space as many Tripp Lite Rackmount UPS systems (select installations, see manual)
Pair of attached 5-15P PDU input cables connect to separate Utility and UPS power sources
8 high quality 5-15R outlets support critical networking loads in both Utility and UPS operating modes
One additional 5-15R pass-through outlet supports UPS input power cord
Dual input power cables support PDU connection to separate Utility and UPS power sources
Manual transfer switch with lighted status indicators controls the source of power to connected equipment between Utility and UPS
Set the switch to UPS during normal operation and connected equipment will receive full-time conditioned power from the UPS
Set the switch to Utility to bypass the UPS and provide connected equipment with unfiltered power directly from the Utility line cord while the UPS system
is removed and replaced with a fresh one
Highlights
Single phase 15A 120V Hot-swap
PDU
Enables live replacement of a
standard UPS with zero downtime
2U horizontal rackmount
installation
Compatible with any 100-127V
UPS with a 5-15P input plug
Manual transfer switch controls
PDU input power source
Pair of 5-15P input cables
connect to separate Utility and
UPS inputs
8 Built-in 5-15R outlets
Applications
Hot-swap PDUs are ideal to install
along with standard UPS systems to
ensure that connected networking
equipment will see no power
interruption as the UPS is serviced,
replaced or upgraded
Package Includes
Hot-swap PDU System
2U mounting brackets
User manual with warranty
information
1 / 4


Similar Part No. - PDUB15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUB20 ETC2-PDUB20 Datasheet
483Kb / 5P
Single-Phase Hot-Swap PDU, 1.9kW 20A 120V, 2U Horizontal Rackmount, 4 NEMA 5-15R & 4 NEMA
PDUB30 ETC2-PDUB30 Datasheet
486Kb / 5P
Single-Phase Hot-Swap PDU, 2.9kW 30A 120V, 2U Horizontal Rackmount, 6 NEMA 5-15/20R and 1
PDUBHV10 ETC2-PDUBHV10 Datasheet
489Kb / 5P
Single-Phase Hot-Swap PDU, 2-2.4kW 10A 200-240V, 2U Horizontal Rackmount, 8 C13 outlets,set of 2 C14 inputs
logo
Tripp Lite. All Rights ...
PDUBHV10 TRIPPLITE-PDUBHV10 Datasheet
158Kb / 3P
2-2.4kW Single-Phase Hot-Swap PDU, 200-240V 10A Outlets (8-C13), 2-C14, 200-240V Input, 6ft Cords 2U Rack-Mount
PDUBHV101U TRIPPLITE-PDUBHV101U Datasheet
173Kb / 3P
200-250V 10A Single-Phase Hot-Swap PDU with Manual Bypass - 6 C13 Outlets, 2 C14 Inlets, 1U Rack/Wall
More results

Similar Description - PDUB15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU1215 ETC2-PDU1215 Datasheet
485Kb / 4P
Single-Phase Basic PDU, 1.8kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input plug
PDU2430 ETC2-PDU2430 Datasheet
481Kb / 5P
Single-Phase Basic PDU, 2.9kW 30A 120V, 1U Horizontal Rackmount, 24 NEMA 5-15R outlets, NEMA L5-30P input plug
PDUB20 ETC2-PDUB20 Datasheet
483Kb / 5P
Single-Phase Hot-Swap PDU, 1.9kW 20A 120V, 2U Horizontal Rackmount, 4 NEMA 5-15R & 4 NEMA
PDUB30 ETC2-PDUB30 Datasheet
486Kb / 5P
Single-Phase Hot-Swap PDU, 2.9kW 30A 120V, 2U Horizontal Rackmount, 6 NEMA 5-15/20R and 1
PDUBHV10 ETC2-PDUBHV10 Datasheet
489Kb / 5P
Single-Phase Hot-Swap PDU, 2-2.4kW 10A 200-240V, 2U Horizontal Rackmount, 8 C13 outlets,set of 2 C14 inputs
PDUMH15 ETC2-PDUMH15 Datasheet
486Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input, 15ft / 4.5m cord
PDUMH15AT ETC2-PDUMH15AT Datasheet
478Kb / 4P
Single-Phase Auto Transfer Switch / Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 8 NEMA
PDUMH15NET ETC2-PDUMH15NET Datasheet
115Kb / 4P
Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P input plug
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
logo
Tripp Lite. All Rights ...
PDUMV15-24 TRIPPLITE-PDUMV15-24 Datasheet
160Kb / 3P
1.4kW Single-Phase Metered PDU, 120V Outlets (8 5-15R), 5-15P, 15 ft. (4.57 m) Cord, 0U Vertical, 24 in.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com