Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6564TD Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6564TD
Description  10-pin transition-mode PFC controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564TD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6564TD Datasheet HTML 17Page - STMicroelectronics L6564TD Datasheet HTML 18Page - STMicroelectronics L6564TD Datasheet HTML 19Page - STMicroelectronics L6564TD Datasheet HTML 20Page - STMicroelectronics L6564TD Datasheet HTML 21Page - STMicroelectronics L6564TD Datasheet HTML 22Page - STMicroelectronics L6564TD Datasheet HTML 23Page - STMicroelectronics L6564TD Datasheet HTML 24Page - STMicroelectronics L6564TD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
L6564T
Application information
Doc ID 022671 Rev 1
21/33
The twice-mains-frequency (2•fL) ripple appearing across CFF is triangular with a peak-to-
peak amplitude that, with good approximation, is given by:
where fL is the line frequency. The amount of 3rd harmonic distortion introduced by this
ripple, related to the amplitude of its 2•fL component, is:
Figure 29 shows a diagram that helps choose the time constant RFF·CFF based on the
amount of maximum desired 3rd harmonic distortion. Note that there is a minimum value for
the time constant RFF · CFF below which improper activation of the VFF fast discharge may
occur. In fact, the twice-mains-frequency ripple across CFF under steady-state conditions
must be lower than the minimum line drop detection threshold (
∆VFF_min = 40 mV).
Therefore:
Always connect RFF and CFF to the pin, the IC does not work properly if the pin is either left
floating or connected directly to ground.
Figure 29.
RFF·CFF as a function of 3rd harmonic distortion introduced in the input
current
FF
FF
L
MULTpk
FF
C
R
f
4
1
V
2
V
+
=
∆
FF
FF
L
3
C
R
f
2
100
%
D
π
=
min
_
L
min
_
VFF
max
_
MULTpk
FF
FF
f
4
1
V
V
2
C
R
−
∆
>
⋅
D %
3
0.1
1
10
0.01
0.1
1
10
f = 50 Hz
L
f = 60 Hz
L
R
· C
[s]
FF
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com