Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB2S
Description  Single Phase 0.8AMP. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB2S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB2S Datasheet HTML 1Page - List of Unclassifed Manufacturers MB2S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB2S thru MB10S
Document Number: MB2S thru MB10S
www.
Jul.27, 2009
1
smsemi.com
Case: MBS
Glass Passivated Single
Phase Bridge Rectifiers
Reverse Voltage 200 to 1000V
Forward Current
0.5 Amp
Features
Glass passivated die construction
Ideal for automatic insertion
Plastic material used carries UL
flammability recognition 94V-0
High surge current capability
High case dielectric strength of 1500
VRMS
Dimensions in inches and (millimeters)
Mechanical Data
Case: Molded plastic case
Terminals: Plated leads solderable per
MIL-STD-750, Method 2026
Polarity: Marked on Body
Mounting Position: Any
Weight: 0.078 oz., 0.22g
SMSC
Catalog
Number
Maximum
Repetitive
Peak
Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MB2S
200V
140V
200V
MB4S
400V
280V
400V
MB6S
600V
420V
600V
MB8S
800V
560V
800V
MB10S
1000V
700V
1000V
Maximum Ratings and Thermal Characteristics (TA = 25℃ unless otherwise noted)
Maximum average forward output rectified current Tc =40℃
IF(AV)
0.5
A
Peak forward surge current single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
35
A
Rating for fusing (t<8.3ms)
i2t
5.0
A2s
Maximum thermal resistance per leg (1)
RθJA
RθJC
85
20
℃
/W
Operating Junction and storage temperature range
Tj, TSTG
-55 to 150
℃
Electrical Characteristics (TA = 25℃ unless otherwise noted)
Maximum Instantaneous Forward Voltage per leg
VF
1.0V
IFM =0.5A
Maximum DC reverse current at rated DC blocking voltage per
leg
IR
5.0µA
500µA
TA = 25℃
TA = 125℃
Typical Junction Capacitance per leg
CJ
13pF
1.0MHZ,
VR=4.0V
Notes: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47
x 0.47” (12 x 12mm) copper pads.


Similar Part No. - MB2S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB2S GE-MB2S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2S MCC-MB2S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB2S BILIN-MB2S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MB2S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
B1S SECOS-B1S Datasheet
137Kb / 2P
0.8AMP Glass Passivated Bridge Rectifiers
logo
Pan Jit International I...
MB4F-08 PANJIT-MB4F-08 Datasheet
210Kb / 5P
SINGE PHASE 0.8AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
ABS2 DYELEC-ABS2 Datasheet
1Mb / 2P
SINGLE PHASE SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 0.8AMP
RMB1M DYELEC-RMB1M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1M DYELEC-RMB1M_17 Datasheet
1Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S_17 Datasheet
1Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABS2 DYELEC-RABS2_17 Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
EMB1M DYELEC-EMB1M Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chip Integration Techno...
AB102S-A CITC-AB102S-A Datasheet
590Kb / 4P
Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com