Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUB20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDUB20
Description  Single-Phase Hot-Swap PDU, 1.9kW 20A 120V, 2U Horizontal Rackmount, 4 NEMA 5-15R & 4 NEMA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUB20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDUB20 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUB20 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUB20 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUB20 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUB20 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
is removed and replaced with a fresh one
Once the new UPS is up and running with all connections restored, set the switch back to the UPS setting to once again provide fully-conditioned UPS
power to connected equipment
TAA Compliant Version Available - Order Tripp Lite PDUB20TAA
Specifications
OVERVIEW
PDU Type
Hot-Swap
OUTPUT
Output Watt Capacity (watts)
1920
Output Capacity Details
1.9kW (120V input), 2.0kW (127V input), 1.6kW (100V input); 20A maximum (Agency de-rated to 16A continuous)
Frequency compatibility
50 / 60 Hz
Output nominal voltage
100-127V nominal, single phase
Outlet quantity / type
4 NEMA 5-15R and 4 5-15/20R outlets support critical connected loads; 1 designated pass-through 5-15/20R outlet
supports UPS 5-20P input plug (also supports UPS systems with 5-15P input connection)
Outlet Type
NEMA 5-15/20R
INPUT
PDU Input Voltage
100; 120; 127
Maximum Input Amps (A)
16
PDU Plug Type
NEMA 5-20P
Input cord length details
Utility input cable (10 ft / 3m) / UPS input cable (6 ft / 1.8m)
Phase
Single-Phase
LEDS ALARMS & SWITCHES
Switches
Manual 2 position transfer switch offers fast switching between UPS and Utility operating modes in less than 6
milliseconds
Front panel LEDs
Lighted indicators confirm UPS and Utility switch position and operating mode
PHYSICAL
Shipping Dimensions (HWD/in)
9.25 x 20.23 x 6.1
Shipping Dimensions (HWD/cm)
23.5 x 51.4 x 15.5
Shipping weight (lbs)
11
Shipping weight (kg)
5
Unit Dimensions (HWD/in)
3.42 x 17.32 x 3.03
Unit Dimensions (HWD/cm)
8.7 x 44 x 7.7
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com