Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUB30 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PDUB30
Description  Single-Phase Hot-Swap PDU, 2.9kW 30A 120V, 2U Horizontal Rackmount, 6 NEMA 5-15/20R and 1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUB30 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PDUB30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUB30 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUB30 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUB30 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUB30 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Unit weight (kg)
3.5
Material of construction
Steel
Style
Rackmount
Form factors supported
2U rackmount in 2 or 4 post racks
PDU Form Factor
Horizontal (1U, 2U, etc)
ENVIRONMENTAL
Relative Humidity
0-95% non condensing
CERTIFICATIONS
TAA Compliant Option
TAA Compliant Version Available - Order Tripp Lite PDUB30TAA
Certifications
Tested to UL60950 (USA), CSA (Canada)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
P006-006-13LA
6-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13 Left Angle)
1
P006-006-13RA
6-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13 Right Angle)
1
P022-001
1-ft. 18AWG Power Extension cord (NEMA 5-15R to NEMA 5-15P)
1
P023-001
1-ft. 14AWG Power Adapter cord (NEMA L5-15R to NEMA 5-15P)
1
P044-06I
6-inch 12AWG Heavy Duty Power Adapter cord (NEMA-L5-20R to NEMA-5-20P)
1
P007-002
2-ft. Heavy-Duty 14AWG Power cord (IEC-320-C13 to NEMA 5-15P)
1
P030-002-5
5-Pack of 2-ft. 18AWG Power Cords NEMA 5-15P to IEC-320-C13)
1
P006-003
3-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
P006-004
4-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
P006-004-BL
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Blue Connectors
1
P006-004-GN
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Green Connectors
1
P006-004-RD
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Red Connectors
1
P006-004-YW
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Yellow Connectors
1
P006-006
6-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
P006-006-2
6-ft. AC Power Splitter Cable (NEMA 5-15P to 2 x IEC-320-C13)
1
P006-006-515MF
6 ft. Piggyback Power Cord (NEMA 5-15P/R to IEC-320-C13 )
1
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com