Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3334 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3334
Description   Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 3 Page - Analog Devices

  ADP3334 Datasheet HTML 1Page - Analog Devices ADP3334 Datasheet HTML 2Page - Analog Devices ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0134
Rev. B | Page 3 of 5
Table 2. ADF4350 RF Output Filter Component Values (DNI = Do Not Insert)
Frequency Range
(MHz)
ZBIAS
L1
(nH)
L2
(nH)
C1a
(pF)
C1c
(pF)
C2a
(pF)
C2c
(pF)
C3a
(pF)
C3c
(pF)
a.
500–1300
27 nH|| 50 Ω
3.9
3.9
DNI
4.7
DNI
5.6
DNI
3.3
b.
850–2450
19 nH || (100 Ω in position C1c)
2.7
2.7
3.3
100 Ω
4.7
DNI
3.3
DNI
c.
1250–2800
50 Ω
0 Ω
3.6
DNI
DNI
2.2
DNI
1.5
DNI
d.
2800–4400
3.9 nH
0 Ω
0 Ω
DNI
DNI
DNI
DNI
DNI
DNI
The ADF4350 output match consists of the ZBIAS pull-up and, to
a lesser extent, the decoupling capacitors on the supply node. To
get a broadband match it is recommended to use either a
resistive load (ZBIAS = 50 Ω) or a resistive in parallel with a
reactive load for ZBIAS. The latter gives slightly higher output
power, depending on the inductor chosen. Note that it is
possible to place the parallel resistor as a differential component
(i.e. 100 Ω) in position C1c to minimize board space. This is
done in filter type c, described in Table 2.
The filter should be designed with a cutoff approximately 1.2 to
1.5 times the highest frequency in the band of interest. This
allows margin in the design, as typically the cutoff will be lower
than designed due to parasitics. The effect of PCB parasitics can
be simulated in an EM simulation tool for improved accuracy.
ADF4350
13
RFOUTA+
12
RFOUTA–
ADL5375
9
LOIP
10
LOIN
L1
L2
1nF
L1
L2
1nF
C1a
C1a
C1c
C2a
C2a
C2c
C3a
C3a
C3c
ZBIAS
ZBIAS
120pF
120pF
0.1µF
3.3V
Figure 3. ADF4350 RF Output Filter Schematic
As can be seen from Table 2, at lower frequencies below
1250 MHz, a 5th order filter is required. For 1.25 GHz to
2.8 GHz, 3rd order filtering is sufficient. For frequencies above
2.8 GHz, no filtering is required, as the harmonic levels are
sufficiently low to meet sideband suppression specifications.
0
–70
–60
–50
–40
–30
–20
–10
800
1000
1200
1400
1600
1800
2000
2200
2400
FREQUENCY (MHz)
NO FILTERING
FILTER B: 850MHz TO 2450MHz
Figure 4. Sideband Suppression for Filter b, 850 MHz to 2450 MHz
Q
I
ERROR
VECTOR
MEASURED
SIGNAL
PHASE ERROR
(I/Q ERROR PHASE)
MAGNITUDE ERROR
(I/Q ERROR PHASE)
IDEAL SIGNAL
(REFERENCE)
0
Figure 5. EVM Plot
A sweep of sideband suppression vs. frequency is shown in
Figure 4 for the circuit using Filter b (850 MHz to 2450 MHz).
In this sweep, the test conditions were the following:
baseband I/Q amplitude = 1 V p-p differential sine waves in
quadrature with a 500 mV (ADL5375-05) dc bias; baseband I/Q
frequency (fBB) = 1 MHz.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com