Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B37 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # B37
Description  Flexible Ultra-Low Jitter Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B37 Datasheet(HTML) 2 Page - Micrel Semiconductor

  B37 Datasheet HTML 1Page - Micrel Semiconductor B37 Datasheet HTML 2Page - Micrel Semiconductor B37 Datasheet HTML 3Page - Micrel Semiconductor B37 Datasheet HTML 4Page - Micrel Semiconductor B37 Datasheet HTML 5Page - Micrel Semiconductor B37 Datasheet HTML 6Page - Micrel Semiconductor B37 Datasheet HTML 7Page - Micrel Semiconductor B37 Datasheet HTML 8Page - Micrel Semiconductor B37 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
2
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
Part Number
Marking
Shipping
Ambient Temperature Range
Package
SM803020UMY
803020
Tray
–40°C to +85°C
84-Pin QFN
SM803020UMYR
803020
Tape and Reel
–40°C to +85°C
84-Pin QFN
Pin Configuration
84-Pin QFN 7mm x 7mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com