Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC3-R50-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HC3-R50-R
Description  High Density, high current/low voltage applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HC3-R50-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HC3-R50-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HC3-R50-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• High Density, high current/low voltage
applications
• Foil technology that adds higher reliability
factor over the traditional magnet wire used
for higher frequency circuit designs
• Current range from 78.0 to 33.8 Amps
• Inductance range from 0.50uH to 6.52uH
• Ferrite core material
Applications
• Next generation microprocessors
• Energy storage applications
• DC-DC converters
• Computers
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating ambient temperature range: -40°C to +85°C
• Solder reflow temperature: +260°C max. for 10 seconds
max.
Packaging
• Supplied in bulk packaging, 24 parts per tray
Part
Rated
OCL (1)
Irms (2)
Isat (3)
DCR (m
Ω)
Volts (4)
Number
Inductance
nominal
Amperes
Amperes
max. @
µSec (VµS)
µH
+/-20% µH
(Typ.)
(Typ.)
20°C
(ref.)
HC3-R50-R
0.50
0.50
78.00
120
0.42
17.33
HC3-1R0-R
1.0
1.05
78.00
78
0.42
17.33
HC3-2R2-R
2.2
2.05
55.50
60
0.70
26.01
HC3-3R3-R
3.3
3.63
42.45
46
1.20
34.65
HC3-4R7-R
4.7
4.98
33.80
38
2.17
43.30
HC3-5R6-R
5.6
5.68
33.80
34.5
2.17
43.30
HC3-6R0-R
6.0
6.52
33.80
30.0
2.17
43.30
1) Test Parameters: 300kHz, 0.25 Vrms
2) DC current for approximately
∆T of 40°C without core loss
De-rating is necessary for AC currents. PCB layout, trace thickness and width,
air flow and proximity of other heat generating components will affect temperature
rise. It is recommended that the temperature of the part not exceed 125°C under
worst case conditions verified in the end application.
3) Peak current for approximately 30% rolloff (@20°C)
4) Applied Volt-Time product (V-µS) across the inductor. This value represents the
applied V-µS at 300kHz necessary to generate a core loss equal to 10% of the
total losses for a 40°C temperature rise.
Part number definition:
HC3-XXX-R
HC3 = Product code and size
XXX = Inductance value in uH.
R = Decimal point. If no R is present, third character = #of zeros
-R suffix indicates RoHS compliant
HC3 Series
HIGH CURRENT 3
Power Inductors
Mechanical Diagrams
1
2
HC3
wwllyy R
14.5 typ
25.3 max
30.0 max
22.0
19.0
5.50
5.50
3.0 typ
4.0 typ
HT max
TOP VIEW
RECOMMENDED
PCB PAD LAYOUT
FRONT VIEW
SCHEMATIC
Part Number
Height max
HC3-R50-R
18.0
HC3-1R0-R
17.5
HC3-2R2-R
17.5
HC3-3R3-R
17.5
HC3-4R7-R
17.5
HC3-5R6-R
17.5
HC3-6R0-R
17.5
wwllyy = Date code R = Revision level
RoHS
2002/95/EC


Similar Part No. - HC3-R50-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HC3-R50-R EATON-HC3-R50-R Datasheet
326Kb / 4P
High current power inductors
More results

Similar Description - HC3-R50-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1118 SANYO-2SB1118 Datasheet
85Kb / 3P
Low-Voltage, High-Current Amp, Muting Applications
2SC4853 SANYO-2SC4853 Datasheet
111Kb / 4P
Low-Voltage, Low-Current High-Frequency Amp Applications
2SC4854 SANYO-2SC4854 Datasheet
109Kb / 4P
Low-Voltage, Low-Current High-Frequency Amp Applications?
2SC4855 SANYO-2SC4855 Datasheet
110Kb / 4P
Low-Voltage, Low-Current & High-Frequency Amp Applications?
2SC5537 SANYO-2SC5537 Datasheet
32Kb / 3P
Low-Voltage, Low-Current High-frequency Amplifier Applications
2SC4853A SANYO-2SC4853A Datasheet
60Kb / 5P
Low-Voltage, Low-Current High-Frequency Amplifier Applications
2SD1618 SANYO-2SD1618 Datasheet
181Kb / 3P
Low-Voltage High-Current Amplifier, Muting Applications
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
Low-Voltage, Low-Current High-Frequency Amplifi er Applications
logo
Cooper Bussmann, Inc.
HC2LP-2R2-R COOPER-HC2LP-2R2-R Datasheet
187Kb / 2P
Compact footprint for high density, high current/low voltage applications
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
High Current Density Surface Mount High Current Density Surface Mount
02-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com