Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL4MP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NL4MP
Description  Chassis Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NL4MP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NL4MP Datasheet HTML 1Page - List of Unclassifed Manufacturers NL4MP Datasheet HTML 2Page - List of Unclassifed Manufacturers NL4MP Datasheet HTML 3Page - List of Unclassifed Manufacturers NL4MP Datasheet HTML 4Page - List of Unclassifed Manufacturers NL4MP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Audio
Deutsche
Version
Home
About Us
Products
Support
News
Sitemap
Search
Products only
© Neutrik® AG
All rights reserved
Legal Notices
Chassis Connectors
back
Print
NL4MP
4 pole chassis connector, black D-size flange, countersunk thru holes, 3/16" flat tabs
The state-of-the-art chassis connector for loudspeaker / amplifier applications. They feature a unique locking
system, robust plastic housing and high current silver plated contacts.
Features & Benefits
q
Standard current rating 30 Amp
q
High current version up to 50 Amp audio current
q
Glass reinforced materials make it extremely robust and dependable
q
Precise keyway for secure mating
q
Accurate twist lock latching system
q
Metal insert in locking area
q
Airtight design - optimized for speaker applications
MFD
NLFASTON
SCDR
SCDX
Additional Info


Similar Part No. - NL4MP

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NL4MP NEUTRIK-NL4MP Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, countersunk thru holes, 3/16" flat tabs
NL4MP-1 NEUTRIK-NL4MP-1 Datasheet
92Kb / 3P
4 pole chassis connector, grey D-size flange, self tapping screw holes (A-screw), 3/16" flat tabs
NL4MP-2 NEUTRIK-NL4MP-2 Datasheet
63Kb / 3P
4 pole chassis connector, black D-size flange, mirrored self tapping screw holes (A-screw), 3/16" flat tabs
NL4MP-3 NEUTRIK-NL4MP-3 Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, self tapping screw holes (A-screw), 3/16" flat tabs
NL4MP-M3 NEUTRIK-NL4MP-M3 Datasheet
86Kb / 3P
4 pole chassis connector, black D-size flange, M3 threaded insert, 3/16" flat tabs
More results

Similar Description - NL4MP

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
CHASSIS MOUNT
logo
Texas Instruments
SN65HVD10DG4 TI-SN65HVD10DG4 Datasheet
559Kb / 28P
Chassis-to-Chassis Interconnects
logo
Amphenol Corporation
AC3FAH-AU-B AMPHENOL-AC3FAH-AU-B Datasheet
2Mb / 16P
AC SERIES - A AND B TYPE XLR PCB CHASSIS CONNECTORS
logo
List of Unclassifed Man...
AC-407 ETC2-AC-407 Datasheet
109Kb / 1P
ALUMINUM CHASSIS
logo
Bud Industries, Inc.
C-14431 BUD-C-14431 Datasheet
131Kb / 1P
RACKMOUNT CHASSIS
C-14441 BUD-C-14441 Datasheet
131Kb / 1P
RACKMOUNT CHASSIS
CH-14403 BUD-CH-14403 Datasheet
131Kb / 1P
RACKMOUNT CHASSIS
TBC-14252 BUD-TBC-14252 Datasheet
103Kb / 1P
INTERNAL CHASSIS
TBC-14262 BUD-TBC-14262 Datasheet
103Kb / 1P
INTERNAL CHASSIS
logo
Neutrik AG
NBB75DFIB NEUTRIK-NBB75DFIB Datasheet
91Kb / 3P
Isolated BNC chassis connectors, feedthrough in black D-shape housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com