Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET350U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # INTERNET350U
Description  Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNET350U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  INTERNET350U Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNET350U Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNET350U Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNET350U Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNET350U Datasheet HTML 5Page - List of Unclassifed Manufacturers INTERNET350U Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
380 joules
UPS Dataline suppression
1 line TEL/DSL (1 in / 1 out)
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower; Ultra-compact desktop
Primary form factor
Desktop
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
3 x 8 x 6.4
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
7.5 x 20.4 x 16.1
UPS / Power Module weight (lbs)
5
UPS / Power Module weight (kg)
2.3
UPS Shipping dimensions (height x
width x depth / inches)
4.1 x 11.3 x 7.7
UPS Shipping dimensions (height x
width x depth / cm)
10.5 x 28.7 x 19.5
Shipping weight (lbs)
5.8
Shipping weight (kg)
2.6
UPS housing material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
6
Battery mode BTU / hr. (full load)
134.3
AC mode efficiency rating (100%
load)
99%
COMMUNICATIONS
Communications interface
USB (HID enabled)
PowerAlert software
Free download from www.tripplite.com
Communications cable
USB interface cable included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com