Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET550U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # INTERNET550U
Description  Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNET550U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  INTERNET550U Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNET550U Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNET550U Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNET550U Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNET550U Datasheet HTML 5Page - List of Unclassifed Manufacturers INTERNET550U Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Internet Office 550VA Ultra-compact Standby 120V
UPS with USB port
MODEL NUMBER: INTERNET550U
Description
Tripp Lite's INTERNET550U standby UPS offers complete protection for PCs, workstations and other sensitive
electronics in an attractive ultra-compact, mountable housing. Prevents data loss and system downtime by
providing battery supported AC output during brownouts and blackout conditions. 8 output receptacles, two of
which are widely-spaced to accommodate large transformer plugs without blocking outlets. 4 outlets with full battery support and surge suppression protect
computers, monitors and other vital system components from loss of power. 4 additional outlets with surge suppression-only are ideal for printers and other
accessories not requiring battery support. Single line telephone suppression jacks protect modem, fax machine, cordless phone or other peripherals with a
standard dialup or DSL phone line connection. USB port with PowerAlert monitoring software (available via web download) and cabling enables safe
unattended system shutdown in the case of extended power failure. HID-compliant USB interface enables integration with built-in power management and
auto-shutdown features of Windows and Mac OS X. Audible alarm and front panel LEDs offer status information regarding line and battery power operation.
550VA/300 watt power handling ability supports entry-level PCs for up to 17 minutes during power failures. $100,000 Ultimate Lifetime Insurance (USA, Puerto
Rico and Canada only).
Features
INTERNET550U standby UPS offers complete protection from blackouts, brownouts and surges on both AC and Tel/DSL line connections
8 outlets, two of which are widely spaced to accommodate large transformer plugs without blocking outlets
4 battery supported outlets protect computer, monitor and vital system peripherals, plus 4 additional surge suppression-only outlets for printers and other
system accessories not requiring battery support
Provides battery derived AC output during blackouts and brownouts
550VA/300 watt power handling ability supports a variety of PCs, workstations and other sensitive electronics
Supports entry-level PC systems up to 17 minutes during blackout conditions
Built-in single line Tel/DSL line surge suppression protects modem, fax machine or cordless phone
USB port, PowerAlert software (available via web download) and cabling offer safe unattended shutdown without data loss during extended outages
HID-compliant USB interface enables integration with built-in power management and auto-shutdown features of Windows and Mac OS X.
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment - ideal for unattended kiosk applications
Space saving, ultra-compact housing fits almost anywhere
Highlights
550VA ultra-compact 120V
standby UPS
Maintains AC output during power
failures
4 UPS battery supported outlets,
4 surge-only outlets
USB port, TEL/DSL protection,
Wall mountable, 99% efficient
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Package Includes
INTERNET550U UPS System
USB cable
Instruction manual
1 / 5


Similar Part No. - INTERNET550U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
More results

Similar Description - INTERNET550U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET550SER ETC2-INTERNET550SER Datasheet
524Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with Serial port
INTERNET600U ETC2-INTERNET600U Datasheet
522Kb / 5P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550SER TRIPPLITE-INTERNET550SER Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com