Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ800ED-GPIO-LED Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FZ800ED-GPIO-LED
Description  GPIO-LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FZ800ED-GPIO-LED Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FZ800ED-GPIO-LED Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
75mil(2.0mm)
(UART)
100Mil
100Mil
FZ800ED_GPIO_LED
JP4
의를
통해서 출력되는 신호를
EIA Level로 사용하실려면
R4,R5의 연결을 끊어주시고
U2(MAX3238)와
C5,C6,C7,C8,C9에각각
0.1uF을
.
연결하시기바랍니다
FZ800ED_GPIO_LED
JP4
의를
통해서 출력되는 신호를
TTL Level로 사용하실려면
R4,R5
0ohm
에을
U2,
연결해주시고
C5,C6,C7,C8,C9를
.
제거해주시기바랍니다
(VCC)
3.3V
입력전압
이
일때
R2
0ohm
저항에
연결해주시고
R3저항을 제거해 주시기
.
바랍니다
(VCC)
5V
입력전압
이
이상일때
R2
R3
저항을 제거해주시고
에
0ohm
.
을연결해주시기바랍니다
<Doc>
<RevCode>
FZ800ED_GPIO_LED
A
11
Tuesday, November 11, 2008
Title
Size
Document Number
Rev
Date:
Sheet
of
GND
3_3V
GND
RXD0
TXD0
OK
ADC
GP_0
GP_1
GP_2
GP_3
GP_4
GP_5
GP_6
GP_7
Key
RXD1
TXD0
3_3V
RXD0
TXD1
GP_0
GP_1
GP_2
GP_3
GP_4
GP_5
GP_6
GP_7
GND
ADC
Key
GP_1
3_3V
VCC
GP_0
GND
TXD1
GND
VCC
RXD1
VCC
3_3V
3_3V
3_3V
R14
R-1K
C7
0.1uF
C6
0.1uF
U2
MAX3238/IDBR
13
8
9
2
26
14
21
20
16
15
11
18
24
23
22
19
17
5
6
7
10
12
27
4
28
25
1
3
FORCEON
R1IN
R2IN
GND
VCC
FORCEOFF
R1OUT
R2OUT
R1OUTB
INVALID
R3IN
R3OUT
T1IN
T2IN
T3IN
T4IN
T5IN
T1OUT
T2OUT
T3OUT
T4OUT
T5OUT
V+
V-
C1+
C1-
C2+
C2-
C8
0.1uF
D6
LED(GREEN)
R11
R-1K
R1
R-1K
R4
0ohm
C5
0.1uF
R5
0ohm
R3
0ohm
D7
LED(GREEN)
D2
LED(RED)
D3
LED(GREEN)
R12
R-1K
D1
RB551V-30
R7
R-1K
U1 GM66102
1
3
R6
0ohm
R8
R-1K
C1
33uF/6.3V
JP4
HEADER 3
1
2
3
D8
LED(GREEN)
R13
R-1K
D10
LED(GREEN)
D4
LED(GREEN)
JP3
HEADER 2
1
2
R9
R-1K
R2
0ohm
JP5
HEADER 6
1
2
3
4
5
6
D9
LED(GREEN)
C4
0.1uF
J1
Mini USB
1
2
3
4
5
6
D5
LED(GREEN)
C2
0.1uF
JP1
HEADER 10
1
2
3
4
5
6
7
8
9
10
R10
R-1K
C9
0.1uF
JP2
HEADER 10
1
2
3
4
5
6
7
8
9
10


Similar Part No. - FZ800ED-GPIO-LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZ800ED-GPIO-BUZZ ETC-FZ800ED-GPIO-BUZZ Datasheet
76Kb / 1P
GPIO-BUZZ
FZ800ED-GPIO-DIP-SWITCH ETC-FZ800ED-GPIO-DIP-SWITCH Datasheet
78Kb / 1P
GPIO-DIP-SWITCH
FZ800ED-GPIO-FND ETC-FZ800ED-GPIO-FND Datasheet
80Kb / 1P
GPIO-FND
FZ800ED-GPIO-TACT-SWITCH ETC-FZ800ED-GPIO-TACT-SWITCH Datasheet
84Kb / 1P
GPIO-TACT-SWITCH
More results

Similar Description - FZ800ED-GPIO-LED

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
GPIO Expander IC
logo
Feature Integration Tec...
F75113 FINTEK-F75113 Datasheet
533Kb / 87P
Low Power GPIO with LED Function
logo
Synaptics Incorporated.
CX20701 CONEXANT-CX20701 Datasheet
121Kb / 2P
Eight GPIO pins
logo
List of Unclassifed Man...
FZ800ED-GPIO-BUZZ ETC-FZ800ED-GPIO-BUZZ Datasheet
76Kb / 1P
GPIO-BUZZ
FZ800ED-GPIO-FND ETC-FZ800ED-GPIO-FND Datasheet
80Kb / 1P
GPIO-FND
logo
Silicon Laboratories
AN223 SILABS-AN223 Datasheet
86Kb / 7P
RUNTIME GPIO CONTROL
logo
Nuvoton Technology Corp...
NCT5605Y NUVOTON-NCT5605Y Datasheet
747Kb / 20P
SMBus GPIO Controller
W83L603G NUVOTON-W83L603G Datasheet
653Kb / 23P
SMBus GPIO Controller
logo
Shanghai awinic technol...
AW9106B AWINIC-AW9106B Datasheet
1Mb / 29P
6-LED Driver and GPIO Controller
AW9110B AWINIC-AW9110B Datasheet
1Mb / 33P
10-LED Driver and GPIO Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com