Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZ800ED-INT-MAGNETIC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FZ800ED-INT-MAGNETIC
Description  INT-MAGNETIC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FZ800ED-INT-MAGNETIC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FZ800ED-INT-MAGNETIC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
(UART)
75mil(2.0mm)
100Mil
100Mil
FZ800ED_INT_MAGNETIC의
JP4를 통해서 출력되는
TTL Level
신호를
R4,R5
사용하실려면
0ohm
U2,
을 연결해주시고
C5,C6,C7,C8,C9를
.
제거해주시기바랍니다
FZ800ED_INT_MAGNETIC의
JP4를 통해서 출력되는
EIA Level
신호를
R4,R5
사용하실려면
연결을 끊어주시고
U2(MAX3238)와
C5,C6,C7,C8,C9에각각
0.1uF을
.
연결하시기바랍니다
(VCC)
3.3V
입력전압
일때
R2
0ohm
저항에
연결해주시고
R3저항을 제거해 주시기
.
바랍니다
(VCC)
5V
입력전압
이상일때
R2
R3
저항을 제거해주시고
0ohm
.
을연결해주시기바랍니다
<Doc>
<RevCode>
FZ800ED_INT_MAGNETIC
A
11
Friday, November 14, 2008
Title
Size
Document Number
Rev
Date:
Sheet
of
TXD1
3_3V
RXD1
RXD0
TXD0
OK
GND
TXD0
ADC
Key
3_3V
GP_1
GP_0
GND
RXD0
VCC
RXD1
GND
TXD1
VCC
GND
ADC
GND
Key
GP_1
GP_0
3_3V
Key
VCC
3_3V
3_3V
3_3V
3_3V
C7
0.1uF
C6
0.1uF
U2
MAX3238/IDBR
13
8
9
2
26
14
21
20
16
15
11
18
24
23
22
19
17
5
6
7
10
12
27
4
28
25
1
3
FORCEON
R1IN
R2IN
GND
VCC
FORCEOFF
R1OUT
R2OUT
R1OUTB
INVALID
R3IN
R3OUT
T1IN
T2IN
T3IN
T4IN
T5IN
T1OUT
T2OUT
T3OUT
T4OUT
T5OUT
V+
V-
C1+
C1-
C2+
C2-
C8
0.1uF
R8
R-1K
D3
LED(RED)
R4
0ohm
C5
0.1uF
R5
0ohm
jp5
Megnetic
1
2
R3
0ohm
D1
RB551V-30
U1
GM66102
1
3
R1
R-1K
R6
0ohm
D2
LED(RED)
C1
33uF/6.3V
JP4
HEADER 3
1
2
3
JP3
HEADER 2
1
2
R2
0ohm
JP6
HEADER 6
1
2
3
4
5
6
C4
0.1uF
R7
100k
J1
Mini USB
1
2
3
4
5
6
C3
0.1uF
C2
0.1uF
JP1
HEADER 10
1
2
3
4
5
6
7
8
9
10
C9
0.1uF
JP2
HEADER 10
1
2
3
4
5
6
7
8
9
10


Similar Part No. - FZ800ED-INT-MAGNETIC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZ800ED-INT-TACT-SWITCH ETC-FZ800ED-INT-TACT-SWITCH Datasheet
76Kb / 1P
INT-TACT-SWITCH
More results

Similar Description - FZ800ED-INT-MAGNETIC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA100TS120U IRF-GA100TS120U Datasheet
269Kb / 10P
HALF-BRIDGE IGBT INT-A-PAK
GA250TS60U IRF-GA250TS60U Datasheet
230Kb / 10P
HALF-BRIDGE IGBT INT-A-PAK
GA50TS120U IRF-GA50TS120U Datasheet
220Kb / 10P
HALF-BRIDGE IGBT INT-A-PAK
GA100TS60U IRF-GA100TS60U Datasheet
216Kb / 10P
HALF-BRIDGE" IGBT INT-A-PAK
GA200HS60S IRF-GA200HS60S Datasheet
101Kb / 6P
HALF-BRIDGE IGBT INT-A-PAK
G150SPBK06P3H IRF-G150SPBK06P3H Datasheet
144Kb / 5P
HiRelTM INT-A-Pak 3, PLASTIC
logo
List of Unclassifed Man...
FZ800ED-INT-TACT-SWITCH ETC-FZ800ED-INT-TACT-SWITCH Datasheet
76Kb / 1P
INT-TACT-SWITCH
logo
Tripp Lite. All Rights ...
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
PowerVerter APS INT 3600W 36VDC 230V
logo
Sanyou Corporation Limi...
SY33L SANYOU-SY33L Datasheet
515Kb / 3P
Magnetic Magnetic
logo
Rohm
TH3002-2P1W00A ROHM-TH3002-2P1W00A Datasheet
111Kb / 2P
For Date Code Pr int ing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com