Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RHT05
Description  Digital relative humidity & temperature sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHT05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RHT05 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHT05 Datasheet HTML 2Page - List of Unclassifed Manufacturers RHT05 Datasheet HTML 3Page - List of Unclassifed Manufacturers RHT05 Datasheet HTML 4Page - List of Unclassifed Manufacturers RHT05 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 2 -
Long-term Stability
+-0.5%RH/year
Interchangeability
fully interchangeable
4. Dimensions: (unit----mm)
5. Electrical connection diagram:
*Three-core shielded cable as outgoing line, the three
cores are red wire, yellow wire, black wire.
6. Operating specifications:
(1) Power and Pins
Power's voltage should be 3.3-6V DC. When power is supplied to sensor, don't send any instruction to the sensor
within one second to pass unstable status. One capacitor valued 100nF can be added between VDD and GND for
wave filtering.
(2) Communication and signal
MaxDetect 1-wire bus is used for communication between MCU and RHT05. ( MaxDetect 1-wire bus is specially
designed by MaxDetect Technology Co., Ltd. , it's different from Maxim/Dallas 1-wire bus, so it's incompatible
with Dallas 1-wire bus.)
Illustration of MaxDetect 1-wire bus:
DATA=16 bits RH data+16 bits Temperature data+8 bits check-sum
Example: MCU has received 40 bits data from RHT05 as
0000 0010 1000 1100
0000 0001 0101 1111
1110 1110
16 bits RH data
16 bits T data
check sum
Here we convert 16 bits RH data from binary system to decimal system,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com