Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART5000RT3U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART5000RT3U
Description  SmartPro 5kVA Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART5000RT3U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART5000RT3U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART5000RT3U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Hot-swappable/user replaceable external battery pack(s) allow on-site battery replacement without powering off connected equipment or removing the
UPS from the rack
UPS external battery pack ships fully assembled and ready for connection to the power module, no time consuming, connection of individual internal
batteries by user is necessary
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
5000
Output kVA capacity (kVA)
5
Output Watt Capacity (watts)
4000
Output kW capacity
4
Output power factor
0.8
Nominal Output Voltage(s)
Supported
120V; 208V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
208 & 120V (-10%, +20%)
Output voltage regulation (Battery
mode)
+/- 5%
Built-in UPS output receptacles
10 5-15R outlet(s); 2 5-15/20R outlet(s); 1 L14-30R outlet(s); 1 L6-30R outlet(s)
Built-in controllable switched load
banks
Eight switchable single-outlet 5-15R load banks
Output circuit breaker
15A branch rated (x3) - 2 breakers support 5 5-15R outlets each, one breaker supports 2 5-20R outlets, L6-30R and
L14-30R outlets are unbreakered
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
Pure Sine wave
INPUT
Nominal Input Voltage(s) Supported
208V AC
UPS input connection type
L6-30P
Input circuit breaker
30A double-pole
UPS Input cord length (ft.)
10
UPS Input cord length (m)
3
Recommended Electrical Service
30A 208V
Input cord length (ft.)
10
Input cord length (m)
3
Phase
Single-Phase
2 / 6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com