Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA893 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SA893
Description  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA893 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SA893 Datasheet HTML 1Page - Hitachi Semiconductor 2SA893 Datasheet HTML 2Page - Hitachi Semiconductor 2SA893 Datasheet HTML 3Page - Hitachi Semiconductor 2SA893 Datasheet HTML 4Page - Hitachi Semiconductor 2SA893 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA893, 2SA893A
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SA893
2SA893A
Unit
Collector to base voltage
V
CBO
–90
–120
V
Collector to emitter voltage
V
CEO
–90
–120
V
Emitter to base voltage
V
EBO
–5
–5
V
Collector current
I
C
–50
–50
mA
Collector power dissipation
P
C
300
300
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SA893
2SA893A
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to emitter
breakdown voltage
V
(BR)CEO
–90
—
—
–120
—
—
V
I
C = –1 mA, RBE = ∞
Collector cutoff current
I
CBO
—
—
–0.5
—
—
—
µAV
CB = –75 V, IE = 0
—
—
—
—
—
–0.5
µAV
CB = –100 V, IE = 0
DC current transfer ratio h
FE*
1
250
—
800
250
—
800
V
CE = –12 V,
I
C = –2 mA
Base to emitter voltage
V
BE
—
—
–0.75 —
—
–0.75 V
V
CE = –12 V,
I
C = –2 mA
Collector to emitter
saturation voltage
V
CE(sat)
—
—
–0.5
—
—
–0.5
V
I
C = –10 mA,
I
B = –1 mA
Gain bandwidth product f
T
—
120
—
—
120
—
MHz
V
CE = –12 V,
I
C = –2 mA
Collector output
capacitance
Cob
—
1.8
—
—
1.8
—
pF
V
CB = –25 V, IE = 0,
f = 1 MHz
Noise figure
NF
—
2
10
—
2
10
dB
V
CE = –6 V,
I
C = –50 µA
R
g = 50 kΩ, f = 1 kHz
Note:
1. The 2SA893/A is grouped by h
FE as follows.
DE
250 to 500
400 to 800
See characteristic curves of 2SA872 and 2SA872A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com