Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7213 Datasheet(PDF) 4 Page - NEC

Part # LD7213
Description  14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7213 Datasheet(HTML) 4 Page - NEC

  LD7213 Datasheet HTML 1Page - NEC LD7213 Datasheet HTML 2Page - NEC LD7213 Datasheet HTML 3Page - NEC LD7213 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LD7213, LD7213L
NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual
property rights of third parties by or arising from use of a device described herein or any other liability arising
from use of such device. No license, either express, implied or otherwise, is granted under any patents, copy-
rights or other intellectual property rights of NEC Corporation or others.
LD7213, LD7213L OUTLINE (Unit in mm)
78 max.
A - A Section
29 max.
65 max.
8 max.
55 max.
55 max.
39 max.
46.4
± 0.5
HV Connector Pin Assignment
Lead Length : 1 m From TWT
Body to Connector Face
Pin No
1
2
3
4
5
6
7
TUBE ELEMENT
Heter-Cathode
Heter
Collector
Helix (Ground)
Temperature
Temperature
No Connection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com