Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-9USTAND Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2-9USTAND
Description  Enables Tower Placement of Rackmount UPS Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2-9USTAND Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2-9USTAND Datasheet HTML 1Page - List of Unclassifed Manufacturers 2-9USTAND Datasheet HTML 2Page - List of Unclassifed Manufacturers 2-9USTAND Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Enables Tower Placement of Rackmount UPS
Systems
MODEL NUMBER: 2-9USTAND
Description
Tripp Lite's 2-9USTAND tower-kit accessory offers a convenient method of installing a Tripp Lite rack/tower UPS systems in a small-footprint upright tower
configuration. Pair of adjustable tower stands securely support single or multiple rackmount UPS, battery packs and other accessories in 2U to 9U widths.
Expands from 10U to 14U with the purchase of an additional set of 2-9USTANDS. Compatible with Tripp Lite SmartOnline and SmartPro rack/tower UPS
models specifying the use of this accessory.
Features
Supports Tripp Lite rack/tower UPS systems in space-saving upright tower format
Expandable from 2U to 9U widths to support multiple rackmount housings
Expandable from 10U to 15U with the purchase of a second 2-9USTAND accessory
Compatible with all Tripp Lite rack/tower UPS systems specifying the use of this accessory
Specifications
OVERVIEW
Model Type
Stands
PHYSICAL
Shipping Dimensions (HWD/in)
4.5 x 8.5 x 11.25
Shipping Dimensions (HWD/cm)
11.5 x 21.6 x 28.6
Shipping weight (lbs)
1.8
Shipping weight (kg)
.82
Unit Dimensions (HWD/in)
4.75 x 2.75 x 10.5
Highlights
Pair of stands enable
small-footprint tower placement
of Tripp Lite Rack / Tower UPS
systems
Adjustable settings support
multiple rack / tower devices from
2U to 9U
Support for 10U to 14U available
with the purchase of a second
2-9USTAND accessory
Applications
Ideal for networking and telecom
applications where upright tower
UPS placement is required
Package Includes
1 pair of expandable tower stands
1 / 2


Similar Part No. - 2-9USTAND

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
2-9 WINCHESTER-2-9 Datasheet
113Kb / 1P
OUTLINE DRAWN HOODS LARGE SIDE OPENING FOR TURNABLE JACK SCREWS
logo
JST Mfg. Co., Ltd.
2-9 JST-2-9 Datasheet
682Kb / 8P
RING TONGUE (R type) Non-insulated
logo
Coherent Corp
2-9022X01 COHERENT-2-9022X01 Datasheet
588Kb / 5P
Fiber Cable Receivers
2-9027X01 COHERENT-2-9027X01 Datasheet
588Kb / 5P
Fiber Cable Receivers
2-9047X01 COHERENT-2-9047X01 Datasheet
588Kb / 5P
Fiber Cable Receivers
More results

Similar Description - 2-9USTAND

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC1500I ETC2-SC1500I Datasheet
44Kb / 6P
APC Smart-UPS SC 1500VA 230V - 2U Rackmount/Tower
BP48V24-2U ETC2-BP48V24-2U Datasheet
479Kb / 4P
External 48V Rack/Tower Battery Pack for select Tripp Lite UPS Systems
BP72V15-2U ETC2-BP72V15-2U Datasheet
477Kb / 4P
External 72V Rack/Tower Battery pack for select Tripp Lite UPS Systems
BP192V12-3U ETC2-BP192V12-3U Datasheet
482Kb / 4P
External 192V Rack/Tower Battery Pack for select Tripp Lite UPS Systems
BP240V10RT3U ETC2-BP240V10RT3U Datasheet
483Kb / 4P
External 240V Rack/Tower Battery Pack for select Tripp Lite UPS systems
BP240V33 ETC2-BP240V33 Datasheet
546Kb / 3P
External 240V Tower Battery Pack for select Tripp Lite UPS Systems
logo
Tripp Lite. All Rights ...
BP48V272-US TRIPPLITE-BP48V272-US Datasheet
161Kb / 3P
External 48V 2U Rack/Tower Battery Pack for select UPS Systems
BP72V15-2U TRIPPLITE-BP72V15-2U Datasheet
153Kb / 2P
External 72V 2U Rackmount Battery Pack for select Tripp Lite UPS Systems
BP192V5RT2U TRIPPLITE-BP192V5RT2U Datasheet
158Kb / 3P
External 192V 2U Rackmount Battery Pack for select Tripp Lite UPS Systems
4POSTRAILKITHD TRIPPLITE-4POSTRAILKITHD Datasheet
152Kb / 2P
SmartRack Mounting Rail Kit - enables 4-Post Rackmount Installation of select UPS Systems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com