Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9E Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 9E
Description  Ultra Density Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

9E Datasheet(HTML) 1 Page - DB Lectro Inc

  9E Datasheet HTML 1Page - DB Lectro Inc 9E Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Density Surface Mount
PRODUCT DESCRIPTIONS
SPECIFICATIONS
Development philosophy with inherited reliability and
assembly capacity of 1E Series was put into succession
of the 9E Series small form factor reed relay.
Compared with 1E-14J, the mounting area for this
series achieved 30% shrinkage with the same great
reliability. The 9E Series has a long product life that is
widely accepted by the ATE, telecommunications and
wireless communications markets.
9E Series
9E Series
9E -50J
9E -10J
9E -54J
9E -14J
J: J-Lead
Parameters
Units
1 form A
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
Ω
VDC Max
VDC Min
3.3
100
2.15
0.7
5.0
200
3.75
0.7
3.3
100
2.15
0.7
5.0
200
3.75
0.7
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance Stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
100
0.5
1.0
10
300
150
5.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Ω Min
VDC Min
VDC Min
VDC Min
msec Max
msec Max
1011
150
No shield
250
0.3
0.05
1011
150
250
250
0.3
0.05
Between all isolated pins
@ 100V 20˚C 40%RH
Between contacts
Contacts to shield
Contacts / Shield to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +85˚C
Operate temp: -20˚C to +80˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s


Similar Description - 9E

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS10PU100S BWTECH-SS10PU100S Datasheet
765Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8PU100 BWTECH-SS8PU100 Datasheet
300Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SD10PU100 BWTECH-SD10PU100 Datasheet
166Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
High Current Density Surface Mount High Current Density Surface Mount
02-Aug-13
logo
Bruckewell Technology L...
SS5P100 BWTECH-SS5P100 Datasheet
214Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS6PU100 BWTECH-SS6PU100 Datasheet
446Kb / 4P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8P100 BWTECH-SS8P100 Datasheet
232Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS12PU120S BWTECH-SS12PU120S Datasheet
272Kb / 3P
High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Rev. A -2014
logo
Central Semiconductor C...
CBRHD-01 CENTRAL-CBRHD-01_15 Datasheet
651Kb / 2P
SURFACE MOUNT HIGH DENSITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com