Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51W Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 51W
Description  PCB Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

51W Datasheet(HTML) 2 Page - DB Lectro Inc

  51W Datasheet HTML 1Page - DB Lectro Inc 51W Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51W-1C 0N0
51W-2C 0N0
51W-1C 1N0
51W-2C 1N0
51W-1C 0N0
51W-2C 0N0
51W-1C 1N0
51W-2C 1N0
P2
P1
C
A
B
1.2
MAX
(30.48)
(25.4)
1.0
+0.012
-0.012
(9.5)
0.374
MAX
(2-2.54)
2-0.1
+0.012
-0.012
(5- 0.6)
5- 0.024
UP
P 1
P2
C
A
B
UP
UP
UP
UP
1.2 MAX
(30.48)
(25.4)
1.0 +0.012
-0.012
(9.5)
0.374
MAX
(2-2.54)
2-0.1
+0.012
-0.012
(6- 0.6)
6- 0.024
P2
P1
C
A
B
G
UP
P 1
P2
C
A
B
G
P1
P2
1A
1B
2A
2B
1C
2C
(25.4)
1.0+0.012
-0.012
3-0.1+0.012
-0.012
1.2MAX
0.512
MAX
(30.48)
(13.0)
(3-2.54)
P 1
1C
P2
2C
1B
1A
2A
2B
(8- 0.6)
8- 0.024
UP
P1
P2
1A
1B
2A
2B
1C
2C
G
3-0.1
+0.012
-0.012
1.2
MAX
0.512
MAX
(30.48)
(13.0)
(3-2.54)
P 1
1C
P2
2C
1B
1A
2A
2B
0.9
+0.012
-0.012
(22.86)
(2.54)
0.1
+0.012
-0.012
(9- 0.6)
9- 0.024
G
UP
Note: Hg wet contacts must be mounted within 30 of vertical plane.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com