Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDQ12-100-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDQ12-100-R
Description  Low-Profile Dual Winding Shielded Inductor/Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDQ12-100-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDQ12-100-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SDQ12-100-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SDQ12-100-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SDQ12-100-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions - mm
5.2
Max
Part marking
(Note A)
4
3
5.2
Max
1
Pin #1 identifier
2
HT
1.5 typ ref
3
1
2
4
1.5 Typ.
Ref.
1.02
2.575
5.15
4
1
2.975
2.975
R2.250
5.95
5.950
R2.250
2.975
2.975
5.950
23
4 PAD LAYOUT
2 PAD LAYOUT
2
3
2
SERIES
PARALL EL
3
1
4
1
TRANSFORMER
2
1
4
4
3
Top View
Side View
Bottom View
Recommended Pad Layout
Schematic
SDQ12 = 1.2mm max.
SDQ25 = 2.5mm max.
Part marking: Line 1 (1st digit inductance value per part marking designator in chart above)
(2nd digit is a bi-weekly production date code)
(3rd digit is the last digit of the year produced)
Line 2: xx (indicates the product size code)
06-13-08
SB-BU08352
Page 2 of 4
Data Sheet: 4339
P
Paarraalllleell R
Raattiinnggss
S
Seerriieess R
Raattiinnggss
R
Raatteedd
P
Paarrtt
O
OC
CLL ((11))
IIrrm
mss
((2
2))
IIssaatt ((33))
D
DC
CR
R ((44))
V
Voollttss ((55))
O
OC
CLL ((11))
IIrrm
mss
((2
2))
IIssaatt ((33))
D
DC
CR
R Ω
Ω ((44))
V
Voollttss ((55))
P
Paarrtt
IInndduuccttaannccee
M
Maarrkkiinngg
±
±2
20
0%
%
A
Am
mppss
A
Am
mppss
((
Ω
Ω)) ttyypp..
µµ--S
Seecc
±
±2
20
0%
%
A
Am
mppss
A
Am
mppss
ttyypp..
µµ--S
Seecc
N
Nuum
mbbeerr
((µµH
H))
((µµH
H))
ttyypp..
((µµH
H))
ttyypp..
SDQ25-R47-R
0.47
A
0.392±30%
3.71
6.43
0.0181
2.31
1.57±30%
1.86
3.21
0.0725
4.62
SDQ25-R82-R
0.82
B
0.648±30%
3.37
5.00
0.0221
2.97
2.59±30%
1.68
2.50
0.0883
5.94
SDQ25-1R0-R
1
C
0.97
3.15
4.09
0.0252
3.63
3.87
1.58
2.05
0.1007
7.26
SDQ25-1R5-R
1.5
D
1.35
2.97
3.46
0.0283
4.29
5.41
1.49
1.73
0.1130
8.58
SDQ25-2R2-R
2.2
E
2.31
2.67
2.65
0.0351
5.61
9.25
1.34
1.32
0.1402
11.2
SDQ25-3R3-R
3.3
F
2.89
2.50
2.37
0.0399
6.27
11.55
1.25
1.18
0.1595
12.5
SDQ25-4R7-R
4.7
G
5
1.96
1.80
0.0653
8.25
20.00
0.98
0.900
0.2612
16.5
SDQ25-6R8-R
6.8
H
6.73
1.84
1.55
0.0741
9.57
26.91
0.918
0.776
0.2964
19.1
SDQ25-8R2-R
8.2
J
8.71
1.57
1.36
0.1015
10.9
34.85
0.785
0.682
0.4059
21.8
SDQ25-100-R
10
K
9.8
1.53
1.29
0.1068
11.6
39.20
0.765
0.643
0.4273
23.1
SDQ25-150-R
15
L
14.79
1.24
1.05
0.1632
14.2
59.17
0.619
0.523
0.6526
28.4
SDQ25-220-R
22
M
22.47
1.01
0.849
0.2431
17.5
89.89
0.507
0.425
0.9724
35.0
SDQ25-330-R
33
N
33.8
0.812
0.692
0.3795
21.5
135.2
0.406
0.346
1.52
42.9
SDQ25-470-R
47
O
47.43
0.749
0.584
0.4461
25.4
189.7
0.374
0.292
1.78
50.8
SDQ25-680-R
68
P
69.19
0.603
0.484
0.6865
30.7
276.8
0.302
0.242
2.75
61.4
SDQ25-820-R
82
Q
81.61
0.580
0.446
0.7435
33.3
326.4
0.290
0.223
2.97
66.7
SDQ25-101-R
100
R
98.57
0.499
0.405
1.00
36.6
394.3
0.249
0.203
4.02
73.3
SDQ25-151-R
150
S
150.2
0.408
0.328
1.50
45.2
600.6
0.204
0.164
6.00
90.4
SDQ25-221-R
220
T
223.1
0.326
0.269
2.36
55.1
892.4
0.163
0.135
9.42
110
SDQ25-331-R
330
U
329.7
0.292
0.222
2.93
67.0
1318.7
0.146
0.111
11.71
134
SDQ25-471-R
470
V
472.4
0.243
0.185
4.25
80.2
1889.6
0.121
0.093
16.99
160
SDQ25-681-R
680
W
677.4
0.197
0.155
6.45
96.0
2709.8
0.098
0.077
25.78
192
SDQ25-821-R
820
X
824.3
0.186
0.140
7.25
106
3297.3
0.093
0.070
28.99
212
SDQ25-102-R
1000
Y
1008.2
0.160
0.127
9.82
117
4032.8
0.080
0.063
39.26
234
(1) Test Parameters: 100kHz,.0.25 Vrms 0.0Adc
(2) Irms: DC current for approximately ΔT of 40°C without core loss. It is recommended that the
temperature of the part not to exceed 125°C. Derating is necessary for AC currents
(3) Isat: Peak current for approximately 30% rolloff @20°C
(4) DCR limits @20°C
(5) Applied Volt-Time product (V-µS) across the inductor at 100kHz necessary to generate a core loss equal
to 10% of the total losses for a 40°C temperature rise. Derating of the Irms is required to
prevent excessive temperature rise.
Part Number Definition:
SDQ12-XXX-R
SDQ12 = Product code and Size
XXX = Inductance in uH, R = Decimal point
If no R is present, third character = # of zeros.
-R suffix indicated RoHS compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com