Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDQ12-150-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SDQ12-150-R
Description  Low-Profile Dual Winding Shielded Inductor/Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDQ12-150-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SDQ12-150-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SDQ12-150-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SDQ12-150-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SDQ12-150-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5.45
Direction of feed
Pin #1 indicator
12.0
+/-0.3
1.75
1.5 Dia.
+0.1/-0.0
1.5 Dia.
min.
8.0
A
A
2.00
SECTION A-A
4.00
2.00
1
2
4
3
5.50
5.45
06-13-08
SB-BU08352
Page 3 of 4
Data Sheet: 4339
Supplied in tape-and-reel packaging,3800 parts per reel, 13” diameter reel.
Supplied in tape-and-reel packaging, 2900 parts per reel, 13” diameter reel.
Packaging Information - mm
Inductance Characteristics
Actual Size
SDQ12
Actual Size
SDQ25
OCL vs I
SDQ12
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
110
120
% of I
sat
sat
OCL vs I
SDQ25
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
5060
708090
100
110
120
% of I
sat
sat
2.00
4.00
Direction of feed
Pin #1 indicator
12.0
+/-0.3
5.50
1.75
1.5 Dia.
+0.1/-0.0
1.5 Dia
min.
8.0
A
2
1
A
SECTION A-A
4
3
5.45
5.45
2.70 mm
SDQ25 Series
SDQ12 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com