Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDQ12-220-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDQ12-220-R
Description  Low-Profile Dual Winding Shielded Inductor/Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDQ12-220-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDQ12-220-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SDQ12-220-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SDQ12-220-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SDQ12-220-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Ferrite shielded, low EMI
• Ferrite core material
• 500Vdc isolation between windings
• RoHS compliant
Applications
• As a transformer: SEPIC, flyback
• As an inductor: Buck, boost, coupled inductor
• Digital cameras, CD players, cellular phones, and PDA’s
• PCMCIA cards
• GPS systems
Environmental Data
• Storage temperature: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(Range is application specific).
• Solder reflow temperature: 260°C max. for 10 seconds max.
Packaging
• Supplied in tape and reel packaging, SDQ12-3800, SDQ25-2900 parts
per reel, 13” diameter reel
Description
• 125°C maximum total temperature operation
• Dual winding inductors that can be used as either a single inductor, or
in coupled inductor/transformer applications (1:1 turns ratio)
• Windings can be connected in series or parallel, offering a broad range
of inductance and current ratings
• Current range from 6.43 to 0.063 Amps
• Inductance range from 0.47µH to 4.03mH
Low-Profile Dual Winding Shielded Inductor/Transformer
SDQ Series
06-13-08
SB-BU08352
Page 1 of 4
Data Sheet: 4339
SMD Device
P
Paarraalllleell R
Raattiinnggss
S
Seerriieess R
Raattiinnggss
R
Raatteedd
P
Paarrtt
O
OC
CLL ((11))
IIrrm
mss
((2
2))
IIssaatt ((33))
D
DC
CR
R ((44))
V
Voollttss ((55))
O
OC
CLL ((11))
IIrrm
mss
((2
2))
IIssaatt ((33))
D
DC
CR
R Ω
Ω ((44))
V
Voollttss ((55))
P
Paarrtt
IInndduuccttaannccee
M
Maarrkkiinngg
±
±2
20
0%
%
A
Am
mppss
A
Am
mppss
((
Ω
Ω)) ttyypp..
µµ--S
Seecc
±
±2
20
0%
%
A
Am
mppss
A
Am
mppss
ttyypp..
µµ--S
Seecc
N
Nuum
mbbeerr
((µµH
H))
((µµH
H))
ttyypp..
((µµH
H))
ttyypp..
SDQ12-R47-R
0.47
A
0.49±30%
2.78
4.34
0.0325
2.45
1.96±30%
1.39
2.17
0.1298
4.90
SDQ12-1R0-R
1
B
0.81
2.49
3.38
0.0403
3.15
3.24
1.25
1.69
0.1611
6.30
SDQ12-1R5-R
1.5
C
1.69
1.69
2.34
0.0870
4.55
6.76
0.847
1.17
0.3481
9.10
SDQ12-2R2-R
2.2
D
2.25
1.60
2.03
0.0977
5.25
9.00
0.800
1.01
0.3908
10.5
SDQ12-3R3-R
3.3
E
3.61
1.28
1.60
0.1527
6.65
14.44
0.640
0.800
0.6106
13.3
SDQ12-4R7-R
4.7
F
4.41
1.12
1.45
0.1990
7.35
17.64
0.560
0.724
0.7959
14.7
SDQ12-6R2-R
6.2
G
6.25
1.02
1.22
0.2387
8.75
25.00
0.512
0.608
0.9548
17.5
SDQ12-8R2-R
8.2
H
8.41
0.868
1.05
0.3318
10.15
33.64
0.434
0.524
1.33
20.3
SDQ12-100-R
10
J
9.61
0.831
0.981
0.3620
10.85
38.44
0.416
0.490
1.45
21.7
SDQ12-150-R
15
K
15.21
0.658
0.779
0.5766
13.65
60.84
0.329
0.390
2.31
27.3
SDQ12-220-R
22
L
22.09
0.548
0.647
0.8332
16.45
88.36
0.274
0.323
3.33
32.9
SDQ12-330-R
33
M
32.49
0.439
0.533
1.29
19.95
130.0
0.220
0.267
5.18
39.9
SDQ12-470-R
47
N
47.61
0.401
0.441
1.55
24.15
190.4
0.201
0.220
6.21
48.3
SDQ12-680-R
68
O
68.89
0.326
0.366
2.36
29.05
275.6
0.163
0.183
9.43
58.1
SDQ12-820-R
82
P
82.81
0.309
0.334
2.62
31.85
331.2
0.154
0.167
10.49
63.7
(1) Test Parameters: 100kHz,.0.25 Vrms 0.0Adc
(2) Irms: DC current for approximately ΔT of 40°C without core loss. It is recommended that the
temperature of the part not to exceed 125°C. Derating is necessary for AC currents
(3) Isat: Peak current for approximately 30% rolloff @20°C
(4) DCR limits @20°C
(5) Applied Volt-Time product (V-µS) across the inductor at 100kHz necessary to generate a core loss equal
to 10% of the total losses for a 40°C temperature rise. Derating of the Irms is required to
prevent excessive temperature rise.
Part Number Definition:
SDQ12-XXX-R
SDQ12 = Product code and Size
XXX = Inductance in uH, R = Decimal point
If no R is present, third character = # of zeros.
-R suffix indicated RoHS compliant


Similar Part No. - SDQ12-220-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SDQ12-220-R COOPER-SDQ12-220-R Datasheet
365Kb / 4P
Low-Profile Dual Winding Shielded Inductor/Transformer
logo
Eaton All Rights Reserv...
SDQ12-220-R EATON-SDQ12-220-R Datasheet
513Kb / 5P
Low-profile dual winding shielded drum inductor/transformer
More results

Similar Description - SDQ12-220-R

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-31302 RHOMBUS-IND-L-31302 Datasheet
17Kb / 1P
Surface Mount Multiple Winding Inductor/Transformer
01/08/02
logo
Cooper Bussmann, Inc.
DRQ73-R33-R COOPER-DRQ73-R33-R Datasheet
483Kb / 7P
Dual Winding, Shielded Inductors/Transformer
SDQ25-331-R COOPER-SDQ25-331-R Datasheet
365Kb / 4P
Low-Profile Dual Winding Shielded Inductor/Transformer
logo
Bourns Electronic Solut...
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
logo
Accetek Electronics (Sh...
2MA ACCETEK-2MA Datasheet
321Kb / 7P
Dual Winding Shielded Inductor/Transformer
logo
Bourns Electronic Solut...
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
Dual-Winding Shielded Power Inductors
logo
Eaton All Rights Reserv...
SDQ EATON-SDQ Datasheet
513Kb / 5P
Low-profile dual winding shielded drum inductor/transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com