Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMB
Description  Micro EM Brake
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
2.5
5
10
20
40
80
2.2 / 0.25
4.4 / 0.5
8.9 / 1
18 / 2
35 / 4
71 / 8
0.13
0.17
0.25
0.26
0.38
0.48
192
144
96
94
64
50
3
4
6
6.1
9
11.5
4
7
10
11
19
24
10
13
17
21
32
37
15
20
25
26
40
45
15
17
27
35
55
60
3600
3600
3600
3600
3600
3600
Time Constant [ms]
Torque Build-Up Time [ms]
Pull-In Time [ms]
Release Time [ms]
Coil
(20°C)
Resistance [Ω]
Wattage [W]
Armature
Micro EM Brake
Types: 2.5, 5, 10, 20, 40, 80
Voltage [DC-V]
Current [A]
24
AMB
Static Torque [in-lbs / N-m]
Max Allowable Speed [rpm]
AMB
3600
3600
3600
3600
3600
3600
0.035
0.055
0.103
0.193
0.495
1.05
0.4
0.45
0.55
0.6
0.7
0.7
2.8 x 106
4.5 x 106
7.5 x 106
1.2 x 107
1.8 x 107
2.7 x 107
8.7 x 106
1.4 x 107
2.3 x 107
3.8 x 107
5.8 x 107
8.5 x 107
18
20
26
30
40
55
dH8
6
6
8
10
12
15
bE9
22
2.5
445
t+0.1/-0
6.9
6.9
8.9
11.5
13.5
17
A
35
40
46
51
61
70
B
222226313640
C
424856637484
DH7
15
15
22
26
28
32
E
M3M3M4M4M5M5
F
35
40.2
46.2
53
61
70.2
H
3.3
3.3
4.5
4.5
5.3
5.3
J
15.7
15.7
23
27.2
29.4
33.7
L
31
31
39.8
44.3
50.5
53.5
M
3.5
3.5
3.5
4.2
4.2
4.2
N
1.15
1.15
1.15
1.35
1.35
1.35
Q
1.4
1.4
1.4
1.4
1.9
1.9
R
21.8
21.8
27.55
30.05
34.5
35.5
S
0.15~0.25
0.15~0.25
0.2~0.3
0.2~0.3
0.25~0.35
0.25~0.35
T
9
9
12
14
15.7
17.7
U
334555
0.28 / 0.13 0.37 / 0.17 0.56 / 0.25 0.82 / 0.37
1.3 / 0.6
1.9 / 0.9
[ 1" = 25.4mm ]
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
Weight [lbs / kg]
Dimensions
[mm]
Key Way [mm]
Max Allowable Speed [rpm]
Bore [mm]
Moment of Inertia (J) [kg-cm²]
MaxAir Gap Until Adjustment [mm]
Total Energy Until Adjustment [J]
Total Energy Until Life [J]
Max Work Rate [W]
AMB


Similar Part No. - AMB

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
12.1" TFT SVGA (800 x 600) LCD
AMB-2023HT-E5 AAEON-AMB-2023HT-E5 Datasheet
782Kb / 2P
12.1" TFT SVGA (800 x 600) LCD
AMB-2023HT-E6 AAEON-AMB-2023HT-E6 Datasheet
782Kb / 2P
12.1" TFT SVGA (800 x 600) LCD
AMB-2023HT-E7 AAEON-AMB-2023HT-E7 Datasheet
782Kb / 2P
12.1" TFT SVGA (800 x 600) LCD
AMB-2023HT-E8 AAEON-AMB-2023HT-E8 Datasheet
782Kb / 2P
12.1" TFT SVGA (800 x 600) LCD
More results

Similar Description - AMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMU-C ETC-AMU-C Datasheet
86Kb / 1P
Micro EM Clutch/Brake Unit
FNB ETC-FNB Datasheet
185Kb / 1P
Micro EM Spring-Applied Brake
HB ETC-HB Datasheet
99Kb / 1P
EM Hysteresis Brake
MCLB-5G ETC-MCLB-5G Datasheet
62Kb / 1P
Micro EM Spring-Applied Brake
MCNB-2G ETC-MCNB-2G Datasheet
62Kb / 1P
Micro EM Spring-Applied Brake
MCNB-2GS ETC-MCNB-2GS Datasheet
107Kb / 1P
Micro EM Spring-Applied Brake
MP ETC-MP Datasheet
122Kb / 1P
Micro EM Clutch/Brake Unit
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
EM Spring-Applied Brake
TMB ETC-TMB Datasheet
136Kb / 1P
EM Brake
VBE ETC2-VBE Datasheet
107Kb / 1P
EM Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com