Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC-20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC-20
Description  Micro EM Clutch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC-20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
2.5
5
10
20
40
80
2.2 / 0.25
4.4 / 0.5
8.9 / 1
18 / 2
35 / 4
71 / 8
0.13
0.17
0.25
0.26
0.38
0.48
192
144
96
94
64
50
3
4
6
6.1
9
11.5
5
8
11
13
26
33
11
12
18
20
35
39
16
20
25
25
45
48
15
17
27
35
55
60
3600
3600
3600
3600
3600
3600
Rotor
0.048
0.075
0.145
0.29
0.715
1.26
Armature
0.04
0.06
0.128
0.26
0.618
1.22
Time Constant [ms]
Wattage [W]
Release Time [ms]
Pull-In Time [ms]
Resistance [Ω]
Torque Build-Up Time [ms]
Micro EM Clutch
Types: 2.5, 5, 10, 20, 40, 80
24
AMC
Static Torque [in-lbs / N-m]
Coil
(20°C)
Current [A]
Voltage [DC-V]
Max Allowable Speed [rpm]
Armature
Moment of Inertia (J)
[kg-cm²]
AMC
0.4
0.45
0.55
0.6
0.7
0.7
2.8 x 106
4.5 x 106
7.5 x 106
1.2 x 107
1.8 x 107
2.7 x 107
8.7 x 106
1.4 x 107
2.3 x 107
3.8 x 107
5.8 x 107
8.5 x 107
18
20
26
30
40
55
dH7
6
6
8
10
12
15
bE9
22
2.5
445
t+0.1/-0
6.9
6.9
8.9
11.5
13.5
17
A
35
40
46
51
61
70
B
26.5
26.5
35
44
49
54
C
222230384246
DH8
15
15
22
26
28
32
E
M3M3M3M4M4M4
F
28.5
28.5
36
38
41.5
41.5
G
6.5
6.57
78.5
8.5
H
8
8
10101212
J
3.2
3.2
4.2
4.2
5.2
5.2
K
7.5
7.5
9.5
9.5
11.2
11.2
L
32.6
32.6
40.9
45.1
52
54
M
19
19
22.3
24.5
31
31
N
2
2
2.5
333
P
101014161618
Q
1.6
1.6
2.1
1.6
2
2
R
22.4
22.4
28.1
30.6
35
36
S
0.2
0.2
0.25
0.25
0.3
0.3
T
7.3
7.3
9.8
9.5
12.2
12.1
U
1.6
1.6
1.6
1.6
2
2
696ZZ
696ZZ
608ZZ
6000ZZ
6001ZZ
6002ZZ
0.31 / 0.14 0.41 / 0.19 0.66 / 0.30
0.9 / 0.4
1.6 / 0.7
2.3 / 1.1
[ 1" = 25.4mm ]
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271 - 7361
Weight [lbs / kg]
Recommended Hub Bearing
Dimensions
[mm]
Key Way [mm]
Bore [mm]
Max Work Rate [W]
Total Energy Until Adjustment [J]
Total Energy Until Life [J]
[g
]
Max Air Gap Until Adustment [mm]
AMC
()
AMC


Similar Part No. - AMC-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC-2 ETC2-AMC-2 Datasheet
180Kb / 1P
Amprobe AMC-2 Hand- Cranked Insulation Tester
logo
AAEON Technology
AMC-250 AAEON-AMC-250 Datasheet
221Kb / 2P
5-Slot Wallmount Chassis
AMC-262 AAEON-AMC-262 Datasheet
359Kb / 2P
6-Slot Wallmount Chassis, Full-Size/ Half-Size Cards Support
AMC-263 AAEON-AMC-263 Datasheet
337Kb / 2P
5-Slot Wallmount Chassis, Full-Size Cards Support
AMC-280B AAEON-AMC-280B Datasheet
327Kb / 2P
8-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
More results

Similar Description - AMC-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMU-C ETC-AMU-C Datasheet
86Kb / 1P
Micro EM Clutch/Brake Unit
CT ETC-CT Datasheet
85Kb / 1P
Self-Adjusting EM Clutch
HC ETC-HC Datasheet
204Kb / 1P
EM Hysteresis Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MP ETC-MP Datasheet
122Kb / 1P
Micro EM Clutch/Brake Unit
MZ ETC-MZ Datasheet
132Kb / 1P
EM Tooth Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
EM Tooth Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com