Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT850UPS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT850UPS
Description  Home Theater Ultra-compact Line-Interactive 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT850UPS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT850UPS Datasheet HTML 1Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 2Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 3Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 4Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 5Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment; ideal for unattended kiosk applications
Hot-swappable user battery replacement supported via battery access door
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Space-saving, ultra-compact housing fits almost anywhere
Keyhole mounting flanges enable secure wallmount installation
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
750
Output Watt Capacity (watts)
450
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
+8%, -21%
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
12 5-15R outlet(s)
Surge suppression only outlets
6 UPS outlets, 6 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
4 min. (450w)
Half load runtime (minutes)
10 min. (225w)
DC system voltage (VDC)
12
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com