Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53W Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 53W
Description  PCB Mount /EMF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

53W Datasheet(HTML) 2 Page - DB Lectro Inc

  53W Datasheet HTML 1Page - DB Lectro Inc 53W Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
57W-2A 1N0
(10.16)
0.866
MAX
(22.0)
0.4 +0.012
-0.012
0.1 +0.012
-0.012
(2.54)
(2.54)
0.1+0.012
-0.012
7- 0.018
(7- 0.45)
(7.62)
0.409
MAX
(10.4)
0.3 +0.012
-0.012
1
2
6
7
8
9
14
UP
1
2
6
7
8
9
14
UP
53W-3A 1N1
53W-3A 1N1
57W-2A 1N0
1.0
+0.012
-0.012
(25.4)
9- 0.024
(9- 0.6)
(4-2.54)
4-0.1
+0.012
-0.012
(29.0)
(16.0)
1.142
MAX
0.63
MAX
1
2
3
4
5
7
8
9
10
7
8
9
10
1
2
3
4
5
UP
UP
Note: Hg wet contacts must be mounted within 30 of vertical plane.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com