Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54D Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 54D
Description  PCB Mount / EMF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

54D Datasheet(HTML) 2 Page - DB Lectro Inc

  54D Datasheet HTML 1Page - DB Lectro Inc 54D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
54D-2E21N2
0.8
MAX
0.4
MAX
(10.16)
2-0.1
0.2
0.2
2-0.1
(5.08) (5.08)
(2-2.54)
(2-2.54)
(9- 0.76)
9- 0.03
P2
2C
2B
2A
G
P1
1C
1B
1A
G
2A
2B
2C
P2(-)
1A
1B
1C
P1(+)
(20.32)
+0.012
-0.012
+0.012
-0.012
+0.012
-0.012
+0.012
-0.012
56



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com