Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CT
Description  Self-Adjusting EM Clutch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CT Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
Extended Hub (model 20 only)
Standard Hub
20
20 / 27.1
90¹, 28, 24¹, 6
1087, 105, 74, 4.8
4500
Bore
1/2
Key Way
1/8 x 1/16
Bore
5/8
Key Way
3/16 x 3/32
Bore
3/4
Key Way
3/16 x 3/32
2
Self-Adjusting EM Clutch
Types: 20, 50
1/4 x 1/8
Accepts
4000
Coil
(20°C)
Voltage [DC-V]
Resistance [Ω]
Max Allowable Speed [rpm]
Standard
Bore
Options
Rated Torque [ft-lbs / N-m]
50
50 / 67.8
90¹, 24¹, 6
1-1/8
1/4 x 1/2
1-1/4
CT
237, 16, 1.1
CT
Bore
7/82
Key Way
3/16 x 3/32
Bore
12
Key Way
1/4 x 1/8
A
2.938
B4.5
C
1.938
D
1.564
E
1.188
F
1.625
G
0.375
I2.25
J2.5
K
0.024
L
3.813
M1
N
0.3125
/ 0.3145
O
1.125
P
1.375
/ 1.376
Q
2.188
R
1.594
9.2 / 4.2
[ Note 1 : Most common voltage ]
[ 1" = 25.4mm ]
[ Note 2 : Not available with extended hubs ]
dl
lh
2.875
3.125
1.969
1.313
1.5
0.375
Accepts
Type G
Bushing
Weight [lbs / kg]
-
-
0.031
-
15 / 7
-
-
-
5.313
2.094
3.219
-
Dimensions
[in]
[in]
CT
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
CT


Similar Description - CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
HC ETC-HC Datasheet
204Kb / 1P
EM Hysteresis Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
EM Tooth Clutch
VBEHA ETC2-VBEHA Datasheet
128Kb / 1P
Self-Adjusting EM Brake
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
VCEHA ETC2-VCEHA Datasheet
302Kb / 1P
Self-Adjusting EM Clutch
VSAU ETC2-VSAU Datasheet
73Kb / 1P
Self-Adjusting EM Clutch/Brake Unit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com