Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FNB
Description  Micro EM Spring-Applied Brake
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FNB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FNB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
0.1G
0.1K
0.2G
0.2K
0.4G
0.4K
0.8G
0.8K
Micro EM Spring-Applied Brake
Types: 0.1, 0.2, 0.4, 0.8
FNB
┌─────────────────────────[ Special Order ]─────────────────────────┐
71 / 8
Static Torque [in-lbs / N-m]
9 / 1
18 / 2
35 / 4
FNB
24
90
24
90
24
90
24
90
0.41
0.11
0.54
0.14
0.63
0.17
0.76
0.2
59
815
45
630
38
540
32
445
A
B
Ch9
D
E
F
G
J
L
M
N
R
S
[ 1" = 25.4mm ]
Weight [lbs / kg]
344
1.1 / 0.5
1.4 / 0.6
17
8.5
23
24.5
19.5
8.5
0.15~0.25
4
5.5
11
93
30.5
5.5
5.5
Dimensions
[mm]
77
0.15~0.25
0.15~0.25
0.15~0.25
15
16
11
11
25.5
117
108
117
40
77.5
77
26.5
19.7
21.2
22
85
97
10
68
74
85
15
Pull-In Time¹ [ms]
35
45
55
15
85
97
/
18
70
3500
25
10
Armature
2.0 / 0.9
20
20
25
4.5
58
62
72
12
13
Voltage [DC-V]
Current [A]
q[
/
]
/
/
Coil
(20°C)
/
3.1 / 1.4
Resistance [Ω]
Wattage [W]
Release Time¹ [ms]
12
4000
5000
4000
Max Allowable Speed [rpm]
FNB
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
FNB


Similar Part No. - FNB

ManufacturerPart #DatasheetDescription
logo
SAB North America
FNB-1/2 SAB-FNB-1/2 Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FNB-1/2C SAB-FNB-1/2C Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FNB-1/2R SAB-FNB-1/2R Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FNB-1/2RC SAB-FNB-1/2RC Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
FNB-3/4 SAB-FNB-3/4 Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
More results

Similar Description - FNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCLB-5G ETC-MCLB-5G Datasheet
62Kb / 1P
Micro EM Spring-Applied Brake
MCNB-2G ETC-MCNB-2G Datasheet
62Kb / 1P
Micro EM Spring-Applied Brake
MCNB-2GS ETC-MCNB-2GS Datasheet
107Kb / 1P
Micro EM Spring-Applied Brake
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
EM Spring-Applied Brake
MNB-1.2K ETC-MNB-1.2K Datasheet
187Kb / 1P
EM Spring-Applied Brake
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
EM Spring-Applied Brake
RNB-3G ETC-RNB-3G Datasheet
185Kb / 1P
EM Spring-Applied Brake
RNB-Z ETC-RNB-Z Datasheet
56Kb / 1P
EM Spring-Applied Brake
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
EM Spring-Applied Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com