Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HB
Description  EM Hysteresis Brake
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
HB
Voltage [DC-V]
Current [A]
Resistance [Ω]
Coil
Rated Torque [in-lbs / N-m]
1.2
78 9
1.1 / 0.12
0.3
24
55 7
5
4.4 / 0.5
0.56
43
2.5
2.2 / 0.25
0.43
EM Hysteresis Brake
Types: 1.2, 2.5, 5, 10
10
8.9 / 1
0.76
31 6
HB
dh7
t
A
B
Ch7
D
E
L
M
N
Q
R
U
[ 1" = 25.4mm ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd
info@ogura-clutch com
1.9 / 0.9
4x5.5
58
Shaft [mm]
Dimensions
[mm]
76
Weight [lbs / kg]
4
42
Moment of Inertia (J) [kg-cm²]
14
2
12
60
86
66
0.25
6
5.5
Torque Decay (20%) Time [ms]
Max Allowable Speed [rpm]
27
3000
10
Max Slip Rate [W]
Resistance [Ω]
(20°C)
Wattage [W]
Time Constant [ms]
78.9
7.5
55
100
80
55.7
43
13
12
3000
16
70
88
45
98
8
6.5
3000
0.425
78
10
10
34
7
136
5.1 / 2.3
110
84
2
63
4x5.5
14
2.6 / 1.2
4
16
100
4x5.5
7.5
3
4
73
52
18
90
112
10
6x5.5
0.8
40
59
124
9.5
3000
2.55
5
80
22
7.9 / 3.6
20
55
3
112
15
175
31.6
18
HB
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
HB


Similar Description - HB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMB ETC-AMB Datasheet
98Kb / 1P
Micro EM Brake
HC ETC-HC Datasheet
204Kb / 1P
EM Hysteresis Clutch
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
EM Spring-Applied Brake
MNB-1.2K ETC-MNB-1.2K Datasheet
187Kb / 1P
EM Spring-Applied Brake
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
EM Spring-Applied Brake
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
EM Spring-Applied Brake
TMB ETC-TMB Datasheet
136Kb / 1P
EM Brake
TMB-H ETC-TMB-H Datasheet
129Kb / 1P
EM Brake (with hub)
VBE ETC2-VBE Datasheet
107Kb / 1P
EM Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com