Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EB Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3232EB
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EB Datasheet(HTML) 5 Page - Exar Corporation

  SP3232EB Datasheet HTML 1Page - Exar Corporation SP3232EB Datasheet HTML 2Page - Exar Corporation SP3232EB Datasheet HTML 3Page - Exar Corporation SP3232EB Datasheet HTML 4Page - Exar Corporation SP3232EB Datasheet HTML 5Page - Exar Corporation SP3232EB Datasheet HTML 6Page - Exar Corporation SP3232EB Datasheet HTML 7Page - Exar Corporation SP3232EB Datasheet HTML 8Page - Exar Corporation SP3232EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3222EB/SP3232EB_103_081414
5
Table 1. Device Pin Description
NAME
FUNCTION
PIN NUMBER
SP3222EB
SP3232EB
SOIC
SSOP
TSSOP
EN
Receiver Enable. Apply Logic LOW for normal operation.
Apply logic HIGH to disable the receiver outputs (high-Z state)
1
1
-
C1+
Positive terminal of the voltage doubler charge-pump capacitor
2
2
1
V+
+5.5V output generated by the charge pump
3
3
2
C1-
Negative terminal of the voltage doubler charge-pump capacitor
4
4
3
C2+
Positive terminal of the inverting charge-pump capacitor
5
5
4
C2-
Negative terminal of the inverting charge-pump capacitor
6
6
5
V-
-5.5V output generated by the charge pump
7
7
6
T
1OUT
RS-232 driver output.
15
17
14
T
2OUT
RS-232 driver output.
8
8
7
R
1IN
RS-232 receiver input
14
16
13
R
2IN
RS-232 receiver input
9
9
8
R
1OUT
TTL/CMOS receiver output
13
15
12
R
2OUT
TTL/CMOS receiver output
10
10
9
T
1IN
TTL/CMOS driver input
12
13
11
T
2IN
TTL/CMOS driver input
11
12
10
GND
Ground.
16
18
15
V
CC
+3.0V to +5.5V supply voltage
17
19
16
SHDN
Shutdown Control Input. Drive HIGH for normal device operation.
Drive LOW to shutdown the drivers (high-Z output) and the on-
board power supply
18
20
-
N.C.
No Connect
-
11, 14
-
PIN FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com