Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HC
Description  EM Hysteresis Clutch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
HB
Rated Torque [in-lbs / N-m]
Wattage [W]
Time Constant [ms]
10.5
Torque Decay (20%) Time [ms]
17
Max Slip Rate [W]
Voltage [DC-V]
Current [A]
0.44
Resistance [Ω]
Coil
(20°C)
55
Max Allowable Speed [rpm]
0.5
35
3000
EM Hysteresis Clutch
Types: 0.5
┌────────────────
[ Special Order ]────────────────┐
0.44 / 0.05
24
6
HC
Rotor
Cup
d1h7
t1
d2g6
t2
A1
A2
B
C1
C2
D
E
F
L
M
N
P
Q
R
S
T
U
W
[ 1" = 25.4mm ]
5
2
16
Shaft [mm]
36
3xM5
30
19
47
Max Allowable Speed [rpm]
Dimensions
[mm]
53
49
26
3000
0.6
0.025
10
4.5
13
18
Moment of Inertia (J)
[kg-cm²]
Weight [lbs / kg]
10
9.5
5
1.00 / 0.45
6
5
81
11
HC
Ogura Industrail
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
HC


Similar Description - HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
CT ETC-CT Datasheet
85Kb / 1P
Self-Adjusting EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MP-120 ETC-MP-120 Datasheet
93Kb / 1P
EM Clutch/Brake Unit
MZ ETC-MZ Datasheet
132Kb / 1P
EM Tooth Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
EM Tooth Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
VCEHA ETC2-VCEHA Datasheet
302Kb / 1P
Self-Adjusting EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com