Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET550SER Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # INTERNET550SER
Description  Internet Office 550VA Ultra-compact Standby 120V UPS with Serial port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNET550SER Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  INTERNET550SER Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNET550SER Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNET550SER Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNET550SER Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNET550SER Datasheet HTML 5Page - List of Unclassifed Manufacturers INTERNET550SER Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Internet Office 550VA Ultra-compact Standby 120V
UPS with Serial port
MODEL NUMBER: INTERNET550SER
Description
Ultra-compact standby UPS with built-in DB9 serial monitoring port protects PCs, network workstations and
other systems reliant upon a simple serial communications interface for UPS monitoring and unattended system
shutdown. Maintains AC output during blackouts and brownouts starting at 99V. Includes DB9 monitoring port
with cabling, TEL/DSL line surge suppression, surge-only outlets and LED indicators. PowerAlert software available free via download.
Features
INTERNET550SER standby UPS offers protection from blackouts, brownouts and surges on both AC and dialup modem lines
Provides seamless battery derived AC output during blackouts and severe brownouts so that connected equipment can be shut down without data loss
Built-in serial port interface provides simple communications for automatic system shutdown if power fails while the system runs unattended
PowerAlert software available via free download from http://www.tripplite.com, serial cable included
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment; ideal for unattended kiosk applications
4 battery supported outlets protect computer, monitor and one vital system peripheral, plus 4 additional surge suppression-only outlets for printers and
other system accessories not requiring battery support
Attractive stealth black UPS color scheme
Built-in single line phone jacks protects peripherals with a standard dialup phone line connection
Built-in audible alarm and front panel LEDs offer continuous status information regarding line and battery power operation
550VA /300 watt power handling ability supports entry-level PC systems for several minutes during power fail conditions
Ultra-compact housing fits anywhere, wall mountable
Includes attached 6 ft. AC power cord with space saving right angle plug, on/off power switch
Compatible with 120V/60 Hz applications in USA, Canada, Mexico and other countries
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
$100,000 Ultimate Lifetime Insurance (USA, Puerto Rico, & Canada only)
Specifications
Highlights
550VA ultra-compact 120V
standby UPS
Maintains AC output during power
failures
4 UPS battery supported outlets,
4 surge-only outlets
DB9 serial port, TEL/DSL
protection, Wall mountable, 99%
efficient
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Package Includes
INTERNET550SER UPS system
DB9 serial cable
Instruction manual
1 / 5


Similar Part No. - INTERNET550SER

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
INTERNET550SER TRIPPLITE-INTERNET550SER Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
More results

Similar Description - INTERNET550SER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET350SER ETC2-INTERNET350SER Datasheet
492Kb / 5P
Internet Office 350VA Ultra-compact Standby 120V UPS with Serial port
INTERNETOFFICE300 ETC2-INTERNETOFFICE300 Datasheet
509Kb / 5P
Internet Office 300VA Ultra-compact Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550SER TRIPPLITE-INTERNET550SER Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com