Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MIC
Description  Micro EM Clutch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MIC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MIC Datasheet HTML 1Page - List of Unclassifed Manufacturers MIC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[ EM: Electromagnet ]
d
686868
8NE
24
172
20
155
3.7
Micro EM Clutch
Types: 2.5, 5, 8
5NE
4.4 / 0.5
2.2 / 0.25
8
7.1 / 0.8
610
30
Pull-In Time² [ms]
┌────────────────
[ Special Order ]────────────────┐
Resistance [Ω]
Wattage [W]
2.5NE
3.4
3.7
MIC
Static Torque [in-lbs / N-m]
Coil
(20°C)
155
Voltage [DC-V]
Armature
Release Time² [ms]
25
Bore [mm]
MIC-NE
*1
d
6
8
6
8
6
8
t
5
6.5
5
6.5
5
6.5
A
B
C
E
F
G
H
J
K
L
M
N
P
[ Note 1 : Gear shown for reference only - to be supplied with custom gear or hub ]
[ 1" = 25.4mm ]
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271 - 7361
3.2
888
26
34.2
8
0.5
36
4.5
23
7.1
4.5
8
11
24
0.21 / 0.10
24
8
7.1
23
3.2
0.26 / 0.12
2.6
29
2
8
4
11
36
23
Weight [lbs / kg]
11
0.12 / 0.05
3.2
18
30
Dimensions
[mm]
Bore [mm]
8
0.5
0.5
7.1
2.6
5
MIC-NE
*1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com