Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET600U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # INTERNET600U
Description  Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INTERNET600U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  INTERNET600U Datasheet HTML 1Page - List of Unclassifed Manufacturers INTERNET600U Datasheet HTML 2Page - List of Unclassifed Manufacturers INTERNET600U Datasheet HTML 3Page - List of Unclassifed Manufacturers INTERNET600U Datasheet HTML 4Page - List of Unclassifed Manufacturers INTERNET600U Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower; Ultra-compact desktop
Included mounting accessory
description
Wallmount installation supported using keyhole mounting tabs
Primary form factor
Desktop
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
3.1 x 10.8 x 5.7
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
7.8 x 27.6 x 14.6
UPS / Power Module weight (lbs)
6.5
UPS / Power Module weight (kg)
3
UPS Shipping dimensions (height x
width x depth / inches)
4.1 x 8 x 13
UPS Shipping dimensions (height x
width x depth / cm)
10.4 x 20.3 x 33
Shipping weight (lbs)
7
Shipping weight (kg)
3.2
UPS housing material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius.
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius.
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
10.3
Battery mode BTU / hr. (full load)
194.3
AC mode efficiency rating (100%
load)
99%
COMMUNICATIONS
Communications interface
USB (HID enabled)
PowerAlert software
Free download from www.tripplite.com
Communications cable
USB interface cable included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com