Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MP
Description  Micro EM Clutch/Brake Unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
5
10204080
4.4 / 0.5
8.9 / 1
18 / 2
35 / 4
71 / 8
0.75
1.05
1.4
1.65
2.4
0.15
0.21
0.28
0.33
0.48
3.8
5.3
7
8.3
12
3.8
4.8
5.7
8.2
14
2000
2000
2000
1500
1500
21 / 92
43 / 190
56 / 250
76 / 340
81 / 360
Input
0.068
0.148
0.29
0.718
1.3
Output
0 125
02
045
08
2
Voltage [DC-V]
Max Work Rate [W]
Wattage [W]
Coil
(20°C)
Max Overhanging Load¹ [lbs / N]
Moment of Inertia (J)
[kg cm²]
Resistance [Ω]
5*
Max Allowable Speed [rpm]
Micro EM Clutch/Brake Unit
Types: 5, 10, 20, 40, 80
MP
Static Torque [in-lbs / N-m]
Current [A]
MP
Output
0.125
0.2
0.45
0.8
2
0.57
0.75
1.2
2.2
3.7
3.8
4.8
5.7
8.2
14
dh7
6
8
10
12
15
bh8
2
2.5
445
t+0/-0.15
6.9
8.9
11.5
13.5
17
A
61.5
69
77
93
105
B
4248556475
C
3235405060
D
30.5
35404855
E
64748494
104
F
55588
G
35.5
40455663
H
72
84
90
106
120
I
62707890
100
J
M5M6M6M8M8
K
5.5
6.5
6.5
8.5
8.5
L
100
124
139
166
194
M
5062698086
N
4045506070
O
30
39.5
44.5
53
62
P
9
11
12
13
14
Q
16
20
23
30
40
R
14
18
20
20
35
1.2 / 0.5
2 / 0.9
3.3 / 1.5
4.6 / 2.1
6.4 / 2.9
[ Note 1 : At shaft midpoint; based on 600rpm/6000hr application ]
[ 1" = 25.4mm ]
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset NJ 08875
(732) 271 7361
Max Work Rate [W]
[kg-cm²]
Max Wear Volume [cm3]
* Coil voltage varies per unit size. A special power supply is required because of the special low voltage coils that are used
to achieve over-excitation in these units.
Weight [lbs / kg]
Bore [mm]
Dimensions
[mm]
Key Way [mm]
MP
Somerset, NJ 08875
(732) 271-7361
MP


Similar Description - MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMB ETC-AMB Datasheet
98Kb / 1P
Micro EM Brake
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
AMU-C ETC-AMU-C Datasheet
86Kb / 1P
Micro EM Clutch/Brake Unit
MCNB-2G ETC-MCNB-2G Datasheet
62Kb / 1P
Micro EM Spring-Applied Brake
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MP-120 ETC-MP-120 Datasheet
93Kb / 1P
EM Clutch/Brake Unit
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
VSAU ETC2-VSAU Datasheet
73Kb / 1P
Self-Adjusting EM Clutch/Brake Unit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com