Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1002T40 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SPV1002T40
Description  Cool bypass switch for photovoltaic applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1002T40 Datasheet(HTML) 2 Page - STMicroelectronics

  SPV1002T40 Datasheet HTML 1Page - STMicroelectronics SPV1002T40 Datasheet HTML 2Page - STMicroelectronics SPV1002T40 Datasheet HTML 3Page - STMicroelectronics SPV1002T40 Datasheet HTML 4Page - STMicroelectronics SPV1002T40 Datasheet HTML 5Page - STMicroelectronics SPV1002T40 Datasheet HTML 6Page - STMicroelectronics SPV1002T40 Datasheet HTML 7Page - STMicroelectronics SPV1002T40 Datasheet HTML 8Page - STMicroelectronics SPV1002T40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Maximum ratings
SPV1002
2/12
Doc ID 018839 Rev 3
1
Maximum ratings
1.1
Absolute maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Range
[min, max]
Unit
VR
Max DC reverse voltage
40
V
IF
Max forward current
16
A
IFSM
Non repetitive peak surge (half-wave, single-phase,
60 Hz)
250
A
ESD level
Human body level
≥ 8 k
V
RthJC
Thermal resistance, junction-to-ambient (D2PAK,
TO220)
1.6
°C/W
TJ
Junction temperature operating range
-40 to 175
°C
TSTG
Storage temperature range
-40 to 175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com