Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MZ
Description  EM Tooth Clutch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MZ Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
Dry Type
2.5D
5D
10D
16D
25D
50D
Wet Type
2.5W
5W
10W
16W
25W
50W
18 / 25
37 / 50
74 / 100
118 / 160
184 / 250
369 / 500
0.63
0.96
1.25
1.46
1.67
2.08
38.4
25
19.2
16.5
14.4
11.5
15
23
30
35
40
50
60
70
90
100
140
170
60
70
90
100
140
170
5000
4500
3800
3500
3200
2700
38
3428
26
24
20
Coil
(20°C)
Max Allowable Speed [rpm]
Max Engagement Speed [rpm]
Voltage [DC-V]
Current [A]
Resistance [Ω]
Wattage [W]
Pull-In Time [ms]
Release Time [ms]
Armature
EM Tooth Clutch
Types: 2.5, 5, 10, 16, 25, 50
24
Static Torque [ft-lbs / N-m]
MZ
MZ
38
34
28
26
24
20
Rotor
2.5
5
11
21.3
35
94.5
Armature
2.5
4.5
8.3
15.3
29
60
dH7
20
25
30
35
40
50
bE9
5
7
7
10
10
12
t+0.15/-0
22
28
33
38.5
43.5
53.5
A
75
85
100
110
120
140
Bh7
62
70
84
90
98
112
CH7
38
45
50
65
65
70
D
293440465162
E
545863687388
F
66666
10
G
161616161624
H
5.5
5.5
5.5
5.5
5.5
8.5
I1
4x4.5
4x5.5
4x6.5
6x5.5
6x6.5
6x8.5
I2
8
1013101316
J
505868788292
K
4.8
5.8
5.8
7.8
7.8
9.8
L
67
72
75
82
92
112
M
525557627085
N
13.7
15.5
16.5
18.5
20.5
25.5
P
333333
Q
22222
2.9
R-
-
0.5
0.5
1
-
T
56778
10
3.3 / 1.5
4.4 / 2.0
6.6 / 3.0
8.8 / 4.0
11 / 5
19 / 9
[ Included parts & accessories : surge protector ]
[ 1" = 25.4mm ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd
info@ogura clutch com
Max Engagement Speed [rpm]
Weight [lbs / kg]
Dimensions
[mm]
Key Way [mm]
Bore [mm]
Moment of Inertia (J)
[kg-cm²]
MZ
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
MZ


Similar Description - MZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
CT ETC-CT Datasheet
85Kb / 1P
Self-Adjusting EM Clutch
HC ETC-HC Datasheet
204Kb / 1P
EM Hysteresis Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
EM Tooth Clutch
MZS ETC-MZS Datasheet
110Kb / 1P
EM Single-Position Tooth Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
VCEHA ETC2-VCEHA Datasheet
302Kb / 1P
Self-Adjusting EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com